Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST143004 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST143004
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST143004 Datasheet(HTML) 1 Page - E-SWITCH

  ST143004 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
1004P7T1B1M1QEH
2:1
3/17/2006
ST143004
A
PH
1
1
PANEL MOUNTING
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
(ON)
(ON)
2-3, 5-6,
8-9, 11-12
2-1, 5-6,
8-7, 11-12
2-1, 5-4,
8-7, 11-10
2
13
12.70
[.500 in]
10.54
[.415 in]
8.89
[.350 in]
10.41
[.410 in]
3.96
[.156 in]
21.59
[.850 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2A @ 250VAC
5A @ 120VAC OR 28VDC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SUPPLIED IN BULK:
T100011-LOCK WASHER QTY-1
T100015-LOCK RING
QTY-1
T100000-HEX NUT
QTY-2
5
46
8
79
11
10
12
CIRCUI: 4PDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
A
15869
RELEASED FOR PRODUCTION
3/17/06
PH
1/4-40NS THD.
12
3
3
6
912
2.92
[.115 in]
n
4.70
[.185 in]
4.70
[.185 in]
4.83
[.190 in]
2.03
[.080 in]
.76
[.030 in]
n6.35
[.250 in]
.85
[.033 in]
.55
[.022 in]
KEY WAY


Similar Part No. - ST143004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST143000 E-SWITCH-ST143000 Datasheet
229Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143005 E-SWITCH-ST143005 Datasheet
156Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143009 E-SWITCH-ST143009 Datasheet
214Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST143004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com