Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-D115 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-D115
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-D115 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-D115 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-D115 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-D115 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-D115 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-D115 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-D115 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-D115 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1-50
0.89 (0.035)
0.64 (0.025)
0.45 (0.018)
SQUARE
NOMIMAL
5.08 (0.200)
4.57 (0.180)
9.19 (0.362)
8.43 (0.332)
25.40
(1.00)
MIN.
1.27( 0.050) NOM.
CATHODE
6.10 (0.240)
5.59 (0.220)
2.54 (0.100) NOM.
CATHODE
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. AN EPOXY MENISCUS MAY EXTEND ABOUT
1 mm (0.040") DOWN THE LEADS.
Package Dimensions
3.18 (0.125)
2.67 (0.105)
24.13
(0.95)
MIN.
1.27
(0.050)
NOM.
1.02
(0.040)
6.35 (0.250)
5.58 (0.220)
0.45
(0.018)
SQUARE NOMINAL
CATHODE
2.54
(0.100)
NOM.
NOM.
4.70 (0.185)
4.19 (0.165)
3.43 (0.135)
2.92 (0.115)
ANODE
3.18 (0.125)
2.67 (0.105)
24.13
(0.95)
MIN.
1.27
(0.050)
NOM.
1.02
(0.040)
6.35 (0.250)
5.58 (0.220)
0.45
(0.018)
SQUARE
NOMINAL
ANODE
2.54
(0.100)
NOM.
NOM.
4.70 (0.185)
4.19 (0.165)
3.43 (0.135)
2.92 (0.115)
CATHODE
A
B
C
HLMA-DL05/DH05/Kl05/KH05 AlInGaP Lamps
Absolute Maximum Ratings at TA = 25°C
HLMA-
HLMA-
HLMA-
HLMA-
Parameter
DL05
DH05
KL05
KH05
Units
DC Forward Current[1,3,4]
50
50
50
50
mA
Peak Forward Current[2]
200
200
200
200
mA
Average Input Power[2]
103
103
103
103
mW
Reverse Voltage (IR = 100 µA)
55
55
V
Operating Temperature Range
-40 to
-40 to
-40 to
-40 to
°C
+100
+100
+100
+100
Storage Temperature Range
-55 to
-55 to
-55 to
-55 to
°C
+100
+100
+100
+100
Junction Temperature
110
°C
Soldering Temperature
260
°C for 5 second
[1.59 mm (0.06 in.) below seating plane]
Notes:
1. Derate linearly as shown in Figure 4.
2. Any pulsed operation cannot exceed the Absolute Max Peak Forward current as specified in Figure 5.
3. Drive currents between 10 mA and 30 mA are recommended for best long term performance.
4. Operation at currents below 10 mA is not recommended, please contact your Hewlett-Packard sales representative.
capable of producing high light
output over the wide range of
drive currents from 500
µA to
50 mA. The color is deep red at a
dominant wavelength of 644 nm.
TS AlGaAs is a flip-chip LED
technology, die attached to the
anode lead and wire bonded to
the cathode lead. Available view-
ing angles are 25
°, 40°, and 55°.


Similar Part No. - HLMP-D115

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-D101 FAIRCHILD-HLMP-D101 Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101-J0000 HP-HLMP-D101-J0000 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101-J0001 HP-HLMP-D101-J0001 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
More results

Similar Description - HLMP-D115

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com