Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-C110 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-C110
Description  T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C110 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-C110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C110 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-47
Figure 7. Relative Luminous Intensity vs. Angular Displacement. HLMP-8103
and HLMP-8102.
θ – ANGLE FROM OPTICAL CENTERLINE – DEGREES (CONE HALF ANGLE)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
° 90° 80° 70° 60° 50° 40° 30° 20° 10° 0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
Figure 4. Relative Efficiency vs. Peak
Forward Current.
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
1
2
5
10
20
50
100
300
I
- PEAK FORWARD CURRENT - mA
PEAK
1.2
200
2.4
2.0
1.0
0.5
0.2
0.1
0.05
12
5
10
20
50
I - DC FORWARD CURRENT - mA
F
0.01
0.5
50
40
30
20
10
0
0
20
40
6080100
25
R
θ = 400°C/W
JA
R
θ = 550°C/W
JA
T - AMBIENT TEMPERATURE -
°C
A
55
50
40
20
10
0
50
200
250
100
I
– PEAK FORWARD CURRENT – mA
PEAK
150
30
300
f
≥ 1000 Hz
f
≥ 300 Hz
f
≥ 100 Hz
Figure 6. Maximum Average Current
vs. Peak Forward Current.
Figure 5. Maximum Forward DC
Current vs. Ambient Temperature.
Derating Based on TJMAX = 110
°C.


Similar Part No. - HLMP-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C115 HP-HLMP-C115 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C115 AVAGO-HLMP-C115 Datasheet
271Kb / 10P
   Very high intensity
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-DX05 HP-HLMA-DX05 Datasheet
132Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
HSDL-4200 HP-HSDL-4200_1 Datasheet
145Kb / 6P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
HSDL-4200 HP-HSDL-4200 Datasheet
131Kb / 5P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
HLMP-P106 HP-HLMP-P106 Datasheet
390Kb / 9P
   Agilent Subminiature High Performance TS AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com