Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8876903FC Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 5962-8876903FC
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-8876903FC Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 5962-8876903FC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-8876903FC Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Notes:
1. Peak Forward Input Current pulse width < 50
µs at 1 KHz maximum repetition rate.
2. Each channel of a multichannel device.
3. Duration of output short circuit time not to exceed 10 ms.
4. All devices are considered two-terminal devices: measured between all input leads or terminals shorted together and all output leads
or terminals shorted together.
5. This is a momentary withstand test, not an operating condition.
6. CM
L
is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic low state (V
O
< 0.8 V). CM
H
is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic
high state (V
O
> 2.0 V).
7. t
PHL
propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.3 V point on the leading edge
of the output pulse. The t
PLH
propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.3 V
point on the trailing edge of the output pulse.
8. Measured between each input pair shorted together and all output connections for that channel shorted together.
9. Measured between adjacent input pairs shorted together for each multichannel device.
10. Zero-bias capacitance measured between the LED anode and cathode.
11. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). SMD, Class H and Class K parts receive 100% testing at 25, 125,
and –55
°C (Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
12. Parameters are tested as part of device initial characterization and after design and process changes. Parameters guaranteed to limits
specified for all lots not specifically tested.
Single Channel Product Only
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Notes
Output Enable Time to Logic High
tPZH
30
ns
8
Output Enable Time to Logic Low
tPZL
30
ns
8
Output Disable Time from Logic High
tPHZ
45
ns
8
Output Disable Time from Logic Low
tPLZ
55
ns
8
Dual and Quad Channel Products Only
RH = 45%, TA = 25°C,
Input-Input Insulation Leakage Current
II-I
0.5
nA
VI-I = 500 V, t = 5 s
9
Resistance (Input-Input)
RI-I
1013
VI-I = 500 V
9
Capacitance (Input-Input)
CI-I
1.5
pF
f = 1 MH
9
Typical Characteristics (cont’d.)
All typical values are at TA = 25°C, VCC = 5 V, IF(ON) = 5 mA, unless otherwise specified.
Figure 1. Typical Logic Low Output
Voltage vs. Temperature.
Figure 2. Typical Logic High Output
Current vs. Temperature.


Similar Part No. - 5962-8876903FC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-8876904KPA AVAGO-5962-8876904KPA Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876904KPC AVAGO-5962-8876904KPC Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876904KPX AVAGO-5962-8876904KPX Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876904KXA AVAGO-5962-8876904KXA Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
5962-8876904KYA AVAGO-5962-8876904KYA Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - 5962-8876903FC

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com