Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # M22
Description  Specifications Common to All
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M22 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button M22 Datasheet HTML 3Page - Omron Electronics LLC M22 Datasheet HTML 4Page - Omron Electronics LLC M22 Datasheet HTML 5Page - Omron Electronics LLC M22 Datasheet HTML 6Page - Omron Electronics LLC M22 Datasheet HTML 7Page - Omron Electronics LLC M22 Datasheet HTML 8Page - Omron Electronics LLC M22 Datasheet HTML 9Page - Omron Electronics LLC M22 Datasheet HTML 10Page - Omron Electronics LLC M22 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
36
Dimensions
Unit: mm (inch)
J
LEGEND PLATE FRAMES
A22Z-332j
A22Z-333j
22.2 dia.
22.2 dia.
28 dia.
28 dia.
40.8
(1.61)
20.5
(1.81)
29.8
(1.17)
27
(1.06)
50.8
(2.00)
20.5
(1.81)
29.8
(1.17)
27
(1.06)
A22N-PRj
29.8 (1.17)
6.4 (0.25)
11.4 (0.45)
29.9 (1.18)
44.8 (1.76)
φ22.3 (0.88)
Note: Curved dashed line denotes difference between Rectangular and Rectangular to Round name plates.
J
PLASTIC RECTANGULAR AND SHIELD
A22N-PXj
A
22N-PSj
44.8 (1.76)
44.8 (1.76)
11.4 (0.45)
29.9 (1.18)
φ22.3 (0.88)
6.4 (0.25)
J
PLASTIC SQUARE


Similar Part No. - M22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22 ETC2-M22 Datasheet
336Kb / 4P
   M Series Standard Size Slide Switches
logo
DIYI Electronic Technol...
M22 DYELEC-M22 Datasheet
1,008Kb / 2P
   Excellent power volume ratio
logo
Harwin Plc
M22-0340000 HARWIN-M22-0340000 Datasheet
65Kb / 1P
   POLARISING KEY FOR 2mm SOCKET CONNECTORS
M22-1900005 HARWIN-M22-1900005 Datasheet
87Kb / 1P
   2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
M22-1900046 HARWIN-M22-1900046 Datasheet
87Kb / 1P
   2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
More results

Similar Description - M22

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS175 OMRON-A22N-PS175 Datasheet
809Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
   Electrical Specifications Subject to Change
logo
NEC
78K NEC-78K Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com