Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2706-1 Datasheet(PDF) 7 Page - NEC

Part # PS2706-1
Description  AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2706-1 Datasheet(HTML) 7 Page - NEC

Back Button PS2706-1 Datasheet HTML 3Page - NEC PS2706-1 Datasheet HTML 4Page - NEC PS2706-1 Datasheet HTML 5Page - NEC PS2706-1 Datasheet HTML 6Page - NEC PS2706-1 Datasheet HTML 7Page - NEC PS2706-1 Datasheet HTML 8Page - NEC PS2706-1 Datasheet HTML 9Page - NEC PS2706-1 Datasheet HTML 10Page - NEC PS2706-1 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet P11310EJ5V0DS00
7
PS2706-1,PS2706-2,PS2706-4
1.2
1.0
0.0
0.4
0.2
0.8
0.6
10
2
10
3
110
4
10
5
10
6
Time (Hr)
LONG TERM CTR DEGRADATION
IF = 1 mA, TA = 60 ˚C
IF = 1 mA, TA = 25 ˚C
–10
–20
0
–5
–15
5
100
0.5
1
0.1
5
10
50
Frequency f (kHz)
FREQUENCY RESPONSE
IF = 1 mA,
VCE = 2 V
RL = 100
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2706-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2706-1-A CEL-PS2706-1-A Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3 CEL-PS2706-1-F3 Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3-A CEL-PS2706-1-F3-A Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2706-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com