Electronic Components Datasheet Search |
|
E3S-AR81 Datasheet(PDF) 4 Page - Omron Electronics LLC |
|
E3S-AR81 Datasheet(HTML) 4 Page - Omron Electronics LLC |
4 / 21 page E3S-A 4 Ratings and Specifications *1. Values in brackets are the minimum required distance between the Sensor and Reflector. *2. National Electrical Manufacturers Association Sensing method Through-beam Sensors Retro-reflective Sensors (with MSR function) Diffuse-reflective Sensors Item Model E3S-AT11, 16, 21, 31, 36, 41, 61, 66, 71, 81, 86, 91 E3S-AR11, 16, 21, 31, 36, 41, 61, 66, 71, 81, 86, 91 E3S-AD13, 18, 23, 33, 38, 43, 63, 68, 73, 83, 88, 93 E3S-AD11, 16, 21, 31, 36, 41, 61, 66, 71, 81, 86, 91 E3S-AD12, 17, 22, 32, 37, 42, 62, 67, 72, 82, 87, 92 Sensing distance 7 m 2 m (100 mm) *1 (When using E39-R1) 100 mm (wide view) (white paper 100 × 100 mm) 10 to 200 mm (white paper 100 × 100 mm) 700 mm (white paper 200 × 200 mm) Standard sensing object Opaque: 10-mm dia. min. Opaque: 75-mm dia. min. --- Differential travel --- 20% max. of sensing distance 10% max. of sensing distance 20% max. of sensing distance Directional angle Both Emitter and Receiver: 3 ° to 15° 3 to 10 ° --- Light source (wavelength) Red LED (700 nm) Infrared LED (880 nm) Red LED (700 nm) Infrared LED (880 nm) Power supply voltage 10 to 30 VDC, including ripple (p-p) 10% Current consumption Both Emitter and Receiver: 20 mA max. (plus approx. 15 mA with turbo function) 30 mA max. (plus approx. 15 mA with turbo function) 35 mA max. 30 mA max. (plus approx. 15 mA with turbo function) 35 mA max. Control output Load power supply voltage: 30 VDC max., Load current: 100 mA max. (residual voltage: 1 V max.) Open-collector output (NPN or PNP depending on model), Light-ON/Dark-ON selectable Self-diagnostic output (Only on Sensors with self-diagnos- tic outputs) (Only Sensors with self-diagnostic function) Load power supply voltage: 30 VDC max., Load current: 50 mA max. (residual voltage: 1 V max.), Open-collector output (NPN or PNP depending on model) External diagnostic input (Only on Sensors with external diagnostic outputs) Input voltage NPN with Emitter OFF: 0 V short-circuit or 1.5 V max. (source current: 1 mA max.) with Emitter ON: Open (leakage current: 0.1 mA max.) PNP with Emitter OFF: +DC short-circuit or −1.5 VDC max. (sink current: 3 mA max.) with Emitter ON: Open (leakage current: 0.1 mA max.) --- Response time 0.5 ms max. Protection circuits Power supply reverse polarity protection, Output short-circuit protection Power supply reverse polarity protection, Output short-circuit protection, Mutual interference prevention Response time Operation or reset: 0.5 ms max. Sensitivity adjustment Two-turn endless adjuster with an indicator Timer function (Only on Sen- sors with the timer function) 0 to 100 ms OFF-delay variable adjuster Turbo function (Only on Sen- sors with the turbo function) Yes (with turbo switch) --- Ambient illumination (Receiv- er side) Incandescent lamp: 5,000 lx max. Sunlight: 10,000 lx max. Ambient temperature Operating: −25°C to 55°C (with no icing or condensation) Storage: −40°C to 70°C (with no icing or condensation) Ambient humidity Operating: 35% to 85% (with no condensation) Storage: 35% to 95% (with no condensation) Insulation resistance 20 M Ω min. at 500 VDC between current-carrying parts and case Dielectric strength 1,000 VAC, 50/60 Hz for 1 min. between current-carrying parts and case Vibration resistance (destruction) 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions Shock resistance (destruction) Destruction: 500m/s2, 3 times each in X, Y, and Z directions Degree of protection IEC IP67; NEMA: 4X (indoors only) *2 Connection method Pre-wired (standard length: 2 m) or M12 connector Weight (packed state) Pre-wired cable: Approx. 150 g Connector: Approx. 70 g Pre-wired cable: Approx. 110 g Connector: Approx. 60 g Pre-wired cable: Approx. 90 g Connector: Approx. 50 g Material Case PBT Lens Denatured polyallylate Mounting Bracket Stainless steel (SUS304) Accessories Mounting bracket (with screws), Sensitivity adjustment driver, Sensitivity adjusting knob, Instruction sheet, Close mounting plate (only for Sensors with connectors), and Reflector (only for Retro-reflective Sensors) |
Similar Part No. - E3S-AR81 |
|
Similar Description - E3S-AR81 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |