Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AD66 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-AD66
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD66 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-AD66 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 9Page - Omron Electronics LLC E3S-AD66 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
E3S-A
6
I/O Circuit Diagrams
NPN Output
Diffuse-reflective Sensor
Diffuse-reflective Sensor
Sensing Object Size vs. Sensing
Distance
E3S-AD
@1/AD@2/AD@3/AD@6/AD@7/
AD
@8 (Detection of White Paper)
E3S-AD
@1/AD@2/AD@3/AD@6/AD@7/
AD
@8 (Detection of Black Paper)
E3S-AD
@1/AD@2/AD@3/AD@6/AD@7/
AD
@8
Model
Operation
mode
Timing charts
Mode
selector
switch
Output circuit
E3S-AT11 *
E3S-AT16 *
E3S-AT61 *
E3S-AT66 *
E3S-AR11
E3S-AR16
E3S-AR61
E3S-AR66
E3S-AD11
E3S-AD16
E3S-AD61
E3S-AD66
E3S-AD12
E3S-AD17
E3S-AD62
E3S-AD67
E3S-AD13
E3S-AD18
E3S-AD63
E3S-AD68
Light-ON
L Side
(LIGHT ON)
Through-beam Receivers, Retro-reflective Sensors, Diffuse-reflective
Sensors
Dark-ON
D Side
(DARK ON)
Through-beam Emitters
* Models numbers for Through-beam Sensors (E3S-AT
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3S-AT11-L 2M), the model number of the Receiver, by adding "-D"
(example: E3S-AT11-D 2M). Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
500
300
100
50
30
10
5
3
1
0.5
0
0.2
0.4
0.6
0.8
1
1.2
E3S-AD
@3/@8
E3S-AD
@2/@7
E3S
-AD
@1/@6
Oper-
ating
level
Distance (m)
Sensing object: White paper
E3S-AD
@1/@3/@6/@8: 100
× 100 mm
E3S-AD
@2/@7: 200
× 200 mm
100
50
30
10
5
3
1
0.5
0.3
0.1
0
200
400
600
800
E3S-AD
@3/@8
E3S-AD
@2/@7
E3S
-AD
@1/@6
Oper-
ating
level
Distance (mm)
Sensing object: Black paper
E3S-AD
@1/@3/@6/@8: 100
× 100 mm
E3S-AD
@2/@7: 200
× 200 mm
1.2
1
0.8
0.6
0.4
0.2
0
Side of object (mm)
50
× 50 100 × 100
200
× 200
300
× 300
E3S-AD
@1/@6
E3S-AD
@3/@8
OFF
ON
OFF
ON
OFF
ON
E3S-AD
@2/@7
Sensing object: white paper
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
Connector Pin Arrangement
Note: Pin 2 is not used.
1
3
4
Light
indi-
cator
Stability
indicator
Photo-
electric
Sensor
main
circuit
ZD
Load
Brown
Blue
Black
(Control
output)
(Relay)
100 mA max.
10 to
30 VDC
(red)
(green)
3
1
2
4
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
Connector Pin Arrangement
Note: Pins 2 and 4 are not used.
3
1
Power
indica-
tor
Photo-
electric
Sensor
main
circuit
Brown
Blue
10 to
30 VDC
(red)
3
1
2
4


Similar Part No. - E3S-AD66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD66 OMRON-E3S-AD66 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AD66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com