Electronic Components Datasheet Search |
|
E3S-AD67 Datasheet(PDF) 11 Page - Omron Electronics LLC |
|
E3S-AD67 Datasheet(HTML) 11 Page - Omron Electronics LLC |
11 / 21 page 11 E3S-A E39-E6 Polarized Mutual Interference Prevention Filters for Through-beam Sensors (Accessory, order separately) • A set of 4 Filters are sold together for two Through-beam Sensors (for 2 each for Emitters and Receivers). Order one for every two sets of Photoelectric Sensors. • For mounting, refer to the figure of the Through-beam Slits. • The arrow printed on the cover indicates the direction of polarization. By attaching the Filters opposite to each other in polarization to the Emitters and the Receivers in rows, mutual interference can be prevented (in any case, the Filter attached to an Emitter and to the corresponding Receiver must be the same in direction of polarization or the Photoelectric Sensor will not function). Operating Mode Selection As shown in the following illustration, the E3S-A has an operating mode selector on the panel where the Receiver connector is located. With this operating mode selector, the E3S-A is in either Dark- ON or Light-ON mode. and Switch The Emitter of the Through-beam Sensor with the self- diagnostic feature incorporates a turbo switch. When this switch is ON, the intensity of the red LED light source can be increased to make a brighter spot. Function ( Switch) The turbo function is effective with the turbo switch pressed, and the function is reset automatically when released. With the turbo function switched ON, the light spot is visible even at a distance of 200 mm, making it easy to check the sensing position and the angle of the optical axis. Precautions (1)Do not keep the turbo switch pressed for longer than 3 minutes. (It will not break even if it is pressed for an extended period.) (2)Pressing the switch may change the timer delay settings. Set the timer after using the turbo function to check the optical axis. (3)To press the switch, use a force of 9.8 N max. Using the E39-R5 Optical Axis Reflector for Through- beam Sensors (Accessory, order Separately) Use this attachment when the set distance is long and adjustment is mechanically difficult with a sensing object. • Attach the Reflector to the Receiver. • Look at the Reflector from right behind the Emitter. The Reflector should be bright with red light when the optical beam strikes the Reflector. If the Emitter has a turbo function, the Reflector looks brighter with the function switched ON. • When the Reflector is removed, the light beam strikes the Receiver. Emitter Receiver Up to two units can be attached. Y = 0 Note: The arrows on the Filters can be attached in either direction when two Sensors are mounted next to each other. The Filter attached to an Emitter and to the corresponding Receiver must be the same in direction of polarization or the Sensor will not function. Light ON (ON when light is ON) Operating mode switch (black) Dark ON (ON when light is OFF) DL The default operating mode is shown in the following table. Sensing method Default switch setting Through-beam Sensors Retro-reflective Sensors Dark-ON Diffuse-reflective Sensors Light-ON Timer Turbo Turbo Turbo Sensitivity adjuster The OFF-delay timer adjuster is used as a turbo switch (black). The intensity of the red spot will be increased, making visual confirmation much easier. PUSH Eye E3S-AT @@ Emitter E3S-AT @@ Receiver E39-R5 Optical Axis Confirmation Reflector |
Similar Part No. - E3S-AD67 |
|
Similar Description - E3S-AD67 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |