Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP8406-3 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # SDP8406-3
Description  Side-looking plastic package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SDP8406-3 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  SDP8406-3 Datasheet HTML 1Page - Honeywell Accelerometers SDP8406-3 Datasheet HTML 2Page - Honeywell Accelerometers SDP8406-3 Datasheet HTML 3Page - Honeywell Accelerometers SDP8406-3 Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Phototransistor
SDP8406
SWITCHING TIME TEST CIRCUIT
cir_015.cdr
SWITCHING WAVEFORM
cir_004.cdr
Responsivity vs
Angular Displacement
gra_054.ds4
Angular displacement - degrees
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-60
-45
-30
-15
0
+15 +30 +45 +60
Fig. 1
Collector Current vs
Ambient Temperature
gra_039.ds4
Ambient temperature - °C
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
70
80
Fig. 2
Dark Current vs
Temperature
gra_301.cdr
Fig. 3
Non-Saturated Switching Time vs
Load Resistance
gra_041.ds4
Load resistance - Ohms
1
10
100
10
100
1000
10000
Fig. 4
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
122


Similar Part No. - SDP8406-3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-002 HONEYWELL-ACC-SDP8406-002 Datasheet
40Kb / 1P
   Honeywell Sensing and Control
More results

Similar Description - SDP8406-3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HLC1395-001 HONEYWELL-ACC-HLC1395-001 Datasheet
417Kb / 4P
   Side-looking plastic package
HLC2705-001 HONEYWELL-ACC-HLC2705-001 Datasheet
318Kb / 4P
   Side-looking plastic package
logo
Honeywell Solid State E...
SDP8314-301 HONEYWELL-SDP8314-301 Datasheet
45Kb / 4P
   SDP Series Optoschmitt Detector, Side-looking Plastic Package
SEP8736-001 HONEYWELL-SEP8736-001 Datasheet
81Kb / 3P
   SEP Series AlGaAs Infrared Emitting Diode, Side-looking Plastic Package
SEP8736-002 HONEYWELL-SEP8736-002 Datasheet
57Kb / 4P
   SEP Series AlGaAs Infrared Emitting Diode, Side-looking Plastic Package
SEP8736-003 HONEYWELL-SEP8736-003 Datasheet
58Kb / 4P
   SEP Series AlGaAs Infrared Emitting Diode, Side-looking Plastic Package
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
147Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
ITR20904 EVERLIGHT-ITR20904 Datasheet
252Kb / 8P
   Side-Looking Reflective Sensor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
142Kb / 7P
   1.5mm Side Looking Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com