Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2706-2 Datasheet(PDF) 10 Page - NEC

Part # PS2706-2
Description  AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2706-2 Datasheet(HTML) 10 Page - NEC

Back Button PS2706-2 Datasheet HTML 4Page - NEC PS2706-2 Datasheet HTML 5Page - NEC PS2706-2 Datasheet HTML 6Page - NEC PS2706-2 Datasheet HTML 7Page - NEC PS2706-2 Datasheet HTML 8Page - NEC PS2706-2 Datasheet HTML 9Page - NEC PS2706-2 Datasheet HTML 10Page - NEC PS2706-2 Datasheet HTML 11Page - NEC PS2706-2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet P11310EJ5V0DS00
10
PS2706-1,PS2706-2,PS2706-4
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter
Symbol
Speck
Unit
Application classification (DIN VDE 0109)
for rated line voltages
≤ 300 Vr.m.s.
for rated line voltages
≤ 600 Vr.m.s.
IV
III
Climatic test class (DIN IEC 68 Teil 1/09.80)
55/100/21
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.2
× UIORM, Pd < 5 pC
UIORM
Upr
710
850
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for random test)
Upr = 1.6
× UIORM, Pd < 5 pC
Upr
1 140
Vpeak
Highest permissible overvoltage
UTR
6 000
Vpeak
Degree of pollution (DIN VDE 0109)
2
Clearance distance
> 5mm
Creepage distance
> 5mm
Comparative tracking index (DIN IEC 112/VDE 0303 part 1)
CTI
175
Material group (DIN VDE 0109)
III a
Storage temperature range
Tstg
−55 to +150
°C
Operating temperature range
TA
–55 to +100
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25
°C
VIO = 500 V dc at TA MAX. at least 100
°C
Ris MIN.
Ris MIN.
10
12
10
11
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = 175
°C (Tsi)
Tsi
Isi
Psi
Ris MIN.
150
200
300
10
9
°C
mA
mW


Similar Part No. - PS2706-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2706-1-A CEL-PS2706-1-A Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3 CEL-PS2706-1-F3 Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3-A CEL-PS2706-1-F3-A Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2706-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
   AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com