Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-5001-STR Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HPMX-5001-STR
Description  1.5-2.5 GHz Upconverter/ Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-5001-STR Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HPMX-5001-STR Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 10Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 11Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 12Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 13Page - Agilent(Hewlett-Packard) HPMX-5001-STR Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
7-99
Figure 24. Equivalent Circuit for RXRF Input.
Figure 26. Equivalent Circuit for the RXIF Output and Recommended Matching
Circuit for 110.592 MHz IF.
Figure 25. Equivalent Circuit for TXIF Input.
PCB GND
TXRX VCC
EXTERNAL COMPONENTS
ARE FOR TYPICAL i/p SWR
OF 1.3:1 OVER 1.85
TO 2.55 GHz
15
TXRX GND
11
7
8
10
2.7 pF
LNAREF
3.3 pF
RXRF
50
Ω i/p
BIAS
BIAS
TO MIXER
LNA STAGE
TXRX GND
TXRX VCC
USE d.c. BLOCKING Cs TO
AVOID CHANGING d.c. BIAS
CONDITIONS. 22 pF MAX. FOR
QUICK TURN ON.
TXIFB 6
TXIF 5
10
TXIF IN
11/15
TX i/p STAGE
10 k
10 k
RECOMMENDED DRIVE
LEVEL IS 300 mV pk-pk.
VCC
EXTERNAL COMPONENTS
SHOWN ARE FOR 110.592 MHz
I.F. AND TYPICAL 50
Ω o/p
SWR OF 1.3:1
TXRX GND
750
RF
50
Ω o/p
11/15
4 RXIF
LO
3 RXIFB
8.2 pF
6.8 pF
120 nH


Similar Part No. - HPMX-5001-STR

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
HPMX-5002-STR HP-HPMX-5002-STR Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
HPMX-5002-TR1 HP-HPMX-5002-TR1 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
HPMX-5002-TY1 HP-HPMX-5002-TY1 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
More results

Similar Description - HPMX-5001-STR

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
logo
Analog Devices
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
   37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
   37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Renesas Technology Corp
F5728 RENESAS-F5728 Datasheet
251Kb / 3P
   mmWave Upconverter/Downconverter 24GHz to 30GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Agilent(Hewlett-Packard...
HPMX-3003 HP-HPMX-3003 Datasheet
89Kb / 8P
   1.5 - 2.5 GHz LNA Switch PA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com