Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-4200 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-4200
Description  High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-4200 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-4200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-4200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-4200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-48
H
High-Performance T-13/4 (5 mm)
TS AlGaAs Infrared (875 nm)
Lamp
Technical Data
HSDL-4200 Series
HSDL-4220 30
°
HSDL-4230 17
°
Features
• Very High Power TS AlGaAs
Technology
• 875 nm Wavelength
• T-13/4 Package
• Low Cost
• Very High Intensity:
HSDL-4220 - 38 mW/sr
HSDL-4230 - 75 mW/sr
• Choice of Viewing Angle:
HSDL-4220 - 30
°
HSDL-4230 - 17
°
• Low Forward Voltage for
Series Operation
• High Speed: 40 ns Rise Times
• Copper Leadframe for
Improved Thermal and
Optical Characteristics
Applications
• Compatible with IrDA SIR
Standard
• IR Audio
• IR Telephones
• High Speed IR
Communications
IR LANs
IR Modems
IR Dongles
• Industrial IR Equipment
Package Dimensions
• IR Portable Instruments
• Interfaces with Crystal
Semiconductor CS8130
Infrared Transceiver
Description
The HSDL-4200 series of emitters
are the first in a sequence of
emitters that are aimed at high
power, low forward voltage, and
high speed. These emitters utilize
the Transparent Substrate, double
heterojunction, Aluminum Gal-
lium Arsenide (TS AlGaAs) LED
technology. These devices are
optimized for speed and efficiency
at emission wavelengths of 875
nm. This material produces high
radiant efficiency over a wide
range of currents up to 500 mA
peak current. The HSDL-4200
series of emitters are available in
a choice of viewing angles, the
HSDL-4230 at 17
° and the
HSDL-4220 at 30
°. Both lamps
are packaged in clear T-13/4
(5 mm) packages.
5.00
± 0.20
(0.197
± 0.008)
1.27
(0.050)
NOM.
1.14
± 0.20
(0.045
± 0.008)
8.70
± 0.20
(0.343
± 0.008)
2.35
(0.093)
MAX.
0.70
(0.028)
MAX.
0.50
± 0.10
(0.020
± 0.004)
SQUARE
CATHODE
5.80
± 0.20
(0.228
± 0.008)
CATHODE
2.54
(0.100)
NOM.
31.4
(1.23)
MIN.
5964-9642E


Similar Part No. - HSDL-4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-4200 HP-HSDL-4200 Datasheet
145Kb / 6P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
HSDL-4200 HP-HSDL-4200_1 Datasheet
145Kb / 6P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
More results

Similar Description - HSDL-4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-4200 HP-HSDL-4200_1 Datasheet
145Kb / 6P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-DX05 HP-HLMA-DX05 Datasheet
132Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
logo
Lite-On Technology Corp...
HSDL-4251 LITEON-HSDL-4251 Datasheet
190Kb / 4P
   High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Agilent(Hewlett-Packard...
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
logo
Lite-On Technology Corp...
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com