Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2702 Datasheet(PDF) 5 Page - NEC

Part # PS2702
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2702 Datasheet(HTML) 5 Page - NEC

  PS2702 Datasheet HTML 1Page - NEC PS2702 Datasheet HTML 2Page - NEC PS2702 Datasheet HTML 3Page - NEC PS2702 Datasheet HTML 4Page - NEC PS2702 Datasheet HTML 5Page - NEC PS2702 Datasheet HTML 6Page - NEC PS2702 Datasheet HTML 7Page - NEC PS2702 Datasheet HTML 8Page - NEC PS2702 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P11307EJ6V0DS00
5
PS2702-1,PS2702-2,PS2702-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
100
50
25
0
75
25
50
75
100
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
150
100
50
0
25
50
75
100
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2702-1
1.5 mW/˚C
PS2702-2,
PS2702-4
1.2 mW/˚C
50 000
1
1 000
5 000
100
10
10 000
500
50
5
–60
0
40
80
–40
–20
20
60
100
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 40 V
24 V
10 V
5 V
2 V
100
0.1
1
0.01
10
0.6
1.0
1.4
1.6
0.8
1.2
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+75 ˚C
+50 ˚C
180
80
0
140
120
20
40
60
100
160
610
24
8
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IF = 5 mA
0.5 mA
1 mA
2 mA
300
10
0.1
30
0.3
100
3
1
0.6
1.2
1.6
0.4
0.8
1.4
1.0
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
IF = 10 mA
1 mA
0.5 mA
5 mA
0.2 mA
0.1 mA


Similar Part No. - PS2702

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2702 CEL-PS2702 Datasheet
120Kb / 3P
   Safety Standard Certificate for Photocoupler
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
logo
California Eastern Labs
PS2702-1-A CEL-PS2702-1-A Datasheet
373Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2702-1-F3 CEL-PS2702-1-F3 Datasheet
373Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
May 14, 2020
logo
California Eastern Labs
PS2702-1 CEL-PS2702-1 Datasheet
373Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1_15 Datasheet
253Kb / 15P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2701-1 CEL-PS2701-1 Datasheet
404Kb / 14P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2701-1 NEC-PS2701-1 Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com