Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2703-4-V Datasheet(PDF) 6 Page - NEC

Part # PS2703-4-V
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2703-4-V Datasheet(HTML) 6 Page - NEC

Back Button PS2703-4-V Datasheet HTML 2Page - NEC PS2703-4-V Datasheet HTML 3Page - NEC PS2703-4-V Datasheet HTML 4Page - NEC PS2703-4-V Datasheet HTML 5Page - NEC PS2703-4-V Datasheet HTML 6Page - NEC PS2703-4-V Datasheet HTML 7Page - NEC PS2703-4-V Datasheet HTML 8Page - NEC PS2703-4-V Datasheet HTML 9Page - NEC PS2703-4-V Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P11308EJ6V0DS00
6
PS2703-1,PS2703-2,PS2703-4
300
250
150
50
0
200
100
0.1
0.5
5
50
110
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCE = 5 V
VCC = 5V,
IC = 2 mA
100
0.1
10
1
10
1 k
10 k
100
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
td
tf
tr
ts
1.2
0.4
0.0
1.0
0.6
0.2
0.8
500
110
0.5
50 100
5
Frequency f (kHz)
FREQUENCY RESPONSE
RL = 1 k
510
300
100
IF = 5 mA, VCC = 5 V,
CTR = 90 %
1 000
100
10
1
0.1
1
10
100
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
tf
ts
tr
td
1.2
1.0
0.0
0.4
0.2
0.8
0.6
10
2
10
3
110
4
10
5
10
6
Time (Hr)
LONG TIME CTR DEGRADATION
IF = 1 mA, TA = 25 ˚C
IF = 5 mA, TA = 25 ˚C
IF = 20 mA, TA = 25 ˚C
IF = 20 mA, TA = 60 ˚C
1.2
0.6
0.0
0.8
1.0
0.4
0.2
025
50
100
–55
–25
75
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2703-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1 ETC2-PS2703-1 Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2703-1-A CEL-PS2703-1-A Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2703-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2832 NEC-PS2832 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com