Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC32SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC32SJ
Description  Quad 2-Input OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC32SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC32SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHC32SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC32 Rev. 1.3.0
February 2008
74VHC32
Quad 2-Input OR Gate
Features
High Speed: tPD = 3.8ns (typ.) at VCC = 5V
Low Power Dissipation: ICC = 2 µA (max.) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC (min.)
Power down protection is provided on all inputs
Low Noise: VOLP = 0.8V (max.)
Pin and Function Compatible with 74HC32
General Description
The VHC32 is an advanced high speed CMOS 2-Input
OR Gate fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 4 stages including
buffer output, which provide high noise immunity and
stable output. An input protection circuit ensures that 0V
to 7V can be applied to the input pins without regard to
the supply voltage. This device can be used to interface
5V to 3V systems and two supply systems such as bat-
tery back up. This circuit prevents device destruction due
to mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC32M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC32SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC32MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC32N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74VHC32SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC32SJ FAIRCHILD-74VHC32SJ Datasheet
101Kb / 7P
   Quad 2-Input OR Gate
logo
ON Semiconductor
74VHC32SJ ONSEMI-74VHC32SJ Datasheet
312Kb / 10P
   Quad 2-Input OR Gate
February 2008 Rev. 1.3.0
74VHC32SJ ONSEMI-74VHC32SJ Datasheet
222Kb / 9P
   Quad 2-Input OR Gate
February 2008 Rev. 1.4.0
More results

Similar Description - 74VHC32SJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com