Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMH-T400 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMH-T400
Description  Surface Mount LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMH-T400 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMH-T400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMH-T400 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1-207
DH AS AlGaAs Red HSMH-TX00
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity
I
v
9.0
17.0
mcd
I
F = 10 mA
Forward Voltage
V
F
1.8
2.2
V
I
F = 10 mA
Reverse Breakdown Voltage
V
R
5.0
15.0
V
I
R = 100 µA
Included Angle Between
Half Intensity Points[1]
2
θ
1/2
120
deg.
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[2]
λ
d
637
nm
Spectral Line Half Width
∆λ
1/2
20
nm
Speed of Response
τ
s
30
ns
Time Constant, e-t/τ
Capacitance
C
30
pF
V
F = 0, f = 1 MHz
Thermal Resistance
R
θ
J-pin
180
°C/W
Junction-to-Cathode
Luminous Efficacy[3]
η
v
80
lm/W
High Efficiency Red HSMS-TX00
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity
Iv
2.0
6.0
mcd
IF = 10 mA
Forward Voltage
V
F
1.9
2.5
V
I
F = 10 mA
Reverse Breakdown Voltage
V
R
5.0
30.0
V
I
R = 100 µA
Included Angle Between
Half Intensity Points[1]
2
θ
1/2
120
deg.
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[2]
λ
d
626
nm
Spectral Line Half Width
∆λ
1/2
40
nm
Speed of Response
τ
s
90
ns
Time Constant, e-t/τ
Capacitance
C
11
pF
V
F = 0, f = 1 MHz
Thermal Resistance
R
θ
J-pin
160
°C/W
Junction-to-Cathode
Luminous Efficacy[3]
η
v
145
lm/W
Notes:
1.
θ
1/2 is the off-axis angle where the luminous intensity is half the on-axis value.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Iv/ ηv, where Iv is the luminous intensity in
candelas and
η
v is luminous efficacy in lumens/watt.
Electrical/Optical Characteristics at T
A = 25°C
s
s


Similar Part No. - HSMH-T400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMH-A100 HP-HSMH-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMH-A100 HP-HSMH-A100 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMH-A100 BOARDCOM-HSMH-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMH-A100-L00J1 HP-HSMH-A100-L00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMH-A100-L00J1 HP-HSMH-A100-L00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMH-T400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com