Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMY-T400 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMY-T400
Description  Surface Mount LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMY-T400 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMY-T400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMY-T400 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1-205
Package Dimensions
hp
HEWLETT
PACKARD
CATHODE
PITCH: 4 mm (0.157 IN.)
USER FEED
DIRECTION
CARRIER TAPE WIDTH:
12 mm (0.472 IN.) OR 8 mm (0.315 IN.)
REEL DIAMETER:
178 mm (7 IN.) OR 330 mm (13 IN.)
Tape and Reel
Specifications
Hewlett Packard surface mount
LEDs are packaged tape and reel
in accordance with EIA-481A,
Taping of Surface Mount
Components for Automatic
Placement
. This packaging
system is compatible with tape-
fed automatic pick and place
systems. Each reel is sealed in a
vapor barrier bag for added
protection. Bulk packaging in
vapor barrier bags is available
upon special request.
NOM.
2.2
(0.087)
3.5
± 0.2
(0.138
± 0.008)
NOM.
3.1
(0.122)
NOM.
2.7
(0.106)
2.8
± 0.2
(0.110
± 0.008)
2.2
± 0.1
(0.087
± 0.004)
MIN.
0.7
(0.028)
1.9
± 0.2
(0.075
± 0.008)
0.8
± 0.3
(0.031
± 0.012)
(2 PLACES)
1.3
(0.050)
MIN.
0.1
(0.004)
NOM.
CATHODE NOTCH
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. THE LEADS ARE COPPER ALLOY, 85% Sn/15% Pb PLATING.


Similar Part No. - HSMY-T400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMY-A100 HP-HSMY-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMY-A100 HP-HSMY-A100 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMY-A100 BOARDCOM-HSMY-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMY-A100-J00J1 HP-HSMY-A100-J00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMY-A100-J00J1 HP-HSMY-A100-J00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMY-T400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com