Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMD-T725 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMD-T725
Description  Surface Mount High Performance AlInGaP LED Indicators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMD-T725 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMD-T725 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMD-T725 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMD-T725 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMD-T725 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMD-T725 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1-199
H
Surface Mount High
Performance AlInGaP LED
Indicators
Technical Data
Features
• Outstanding LED Material
Efficiency
• Exceptional Light Output
Over a Wide Range of Drive
Currents
• Colors: 590 nm Amber, 603
nm Orange, and 615 nm
Reddish-Orange
• Compatible with Automatic
Placement Equipment
• Compatible with Convective
IR, Vapor Phase Reflow, and
TTW Solder Processes
• Packaged in 12 mm or 8 mm
Tape on 7" or 13" Diameter
Reels
• EIA Standard Package
• Low Package Profile
• Non-diffused Package
Excellent for Backlighting
and Coupling to Light Pipes
Description
The LED material used in these
devices is the very efficient
absorbing Substrate aluminum
indium gallium phosphide (AS
AlInGaP), capable of producing
high light output over a wide
range of drive currents.
These solid state surface mount
indicators are designed with a flat
top and sides to be easily handled
by automatic placement equip-
ment. A glue pad is provided for
adhesive mounting processes.
They are compatible with
convective IR and vapor phase
reflow soldering, through the
wave (TTW) soldering, and
conductive epoxy attachment
processes.
The package size and configura-
tion conform to the EIA-535
Device Selection Guide
Amber
Orange
Reddish-Orange
λ
d = 590 nm
λ
d = 603 nm
λ
d = 615 nm
Description
HSMA-T425
HSMD-T425
HSMJ-T425
12 mm Tape, 7" Reel, 2000 Devices
HSMA-T525
HSMD-T525
HSMJ-T525
12 mm Tape, 13" Reel, 8000 Devices
HSMA-T625
HSMD-T625
HSMJ-T625
8 mm Tape, 7" Reel, 2000 Devices
HSMA-T725
HSMD-T725
HSMJ-T725
8 mm Tape, 13" Reel, 8000 Devices
SunPower Series
HSMA-TX25
HSMD-TX25
HSMJ-TX25
BAAC standard specification for
case size 3528 tantalum
capacitors. The folded leads
permit dense placement and
provide an external solder joint
for ease of inspection.
These devices are non-diffused,
providing high intensity for
applications such as backlighting,
light pipe illumination, and front
panel indication.
5964-9352E


Similar Part No. - HSMD-T725

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-T700 HP-HSMD-T700 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
More results

Similar Description - HSMD-T725

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
logo
DOMINANT Semiconductors
SSS-CLD-N2P-1 DOMINANT-SSS-CLD-N2P-1 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SJS-C10 BRIGHT-BL-PDG-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDO-CJS-C10 BRIGHT-BL-PDO-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com