Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMJ-T725 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMJ-T725
Description  Surface Mount High Performance AlInGaP LED Indicators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMJ-T725 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMJ-T725 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMJ-T725 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMJ-T725 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMJ-T725 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMJ-T725 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1-201
Absolute Maximum Ratings at T
A = 25°C
DC Forward Current[1,4,5] ............................................................ 50 mA
Peak Forward Current[2] ........................................................... 200 mA
Average Forward Current ........................................................... 45 mA
(at IPEAK = 200 mA, f ≥ 1 KHz)[2]
Transient Forward Current (10
µs Pulse)[3] .............................. 500 mA
Reverse Voltage (IR = 100 µA) ......................................................... 5 V
LED Junction Temperature ............................................................ 95
°C
Operating Temperature Range ....................................... -40
°C to +85°C
Storage Temperature Range .......................................... -40
°C to +85°C
Reflow Soldering Temperatures
Convective IR ...................... 235
°C Peak, above 183°C for 90 seconds
Vapor Phase ........................................................ 215
°C for 3 minutes
Notes:
1. Derate linerally as shown in Figure 4.
2. Refer to Figure 5 to establish pulsed operating conditions.
3. The transient peak current is the maximum non-recurring peak current the device can
withstand without damaging the LED die and wire bonds.
4. Drive currents between 5 mA and 30 mA are recommended for best long term
performance.
5. Operation at currents below 5 mA is not recommended, please contact your Hewlett-
Packard sales representative.
Electrical Characteristics at TA = 25°C
Speed of
Forward
Reverse
Capacitance
Response
Voltage
Breakdown
C (pF)
τ
s (ns)
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Part
@ IF = 10 mA
@ IR = 100 µA
f = 1 MHz
Resistance
e-t/τ
Number
Typ.
Max.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
HSMA-TX25
1.9
2.4
5
25
40
180
13
HSMD-TX25
1.9
2.4
5
25
40
180
13
HSMJ-TX25
1.9
2.4
5
25
40
180
13
s
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Luminous
IV (mcd)
Wavelength
Wavelength
2
θ
1/2
Efficacy
Part
@ 10 mA
λ
PEAK (nm)
λ
d
[1] (nm)
Degrees[2]
η
v
Number
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
HSMA-TX25
10
25
592
590
120
480
HSMD-TX25
10
25
607
603
120
370
HSMJ-TX25
10
25
621
615
120
263
Notes:
1. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2.
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.


Similar Part No. - HSMJ-T725

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMJ-A100-Q00J1 HP-HSMJ-A100-Q00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
HSMJ-A100-Q00J1 HP-HSMJ-A100-Q00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMJ-A100-Q00J1 AVAGO-HSMJ-A100-Q00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
HSMJ-A100-Q00J1 AVAGO-HSMJ-A100-Q00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
Agilent(Hewlett-Packard...
HSMJ-A100-Q00J1 HP-HSMJ-A100-Q00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
More results

Similar Description - HSMJ-T725

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
logo
DOMINANT Semiconductors
SSS-CLD-N2P-1 DOMINANT-SSS-CLD-N2P-1 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SJS-C10 BRIGHT-BL-PDG-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDO-CJS-C10 BRIGHT-BL-PDO-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com