Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6609TR1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6609TR1
Description  Low Conduction Losses
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6609TR1 Datasheet(HTML) 1 Page - International Rectifier

  IRF6609TR1 Datasheet HTML 1Page - International Rectifier IRF6609TR1 Datasheet HTML 2Page - International Rectifier IRF6609TR1 Datasheet HTML 3Page - International Rectifier IRF6609TR1 Datasheet HTML 4Page - International Rectifier IRF6609TR1 Datasheet HTML 5Page - International Rectifier IRF6609TR1 Datasheet HTML 6Page - International Rectifier IRF6609TR1 Datasheet HTML 7Page - International Rectifier IRF6609TR1 Datasheet HTML 8Page - International Rectifier IRF6609TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
10/05/05
IRF6609
HEXFET® Power MOSFET
Notes
 through ˆ are on page 10
l Low Conduction Losses
l Low Switching Losses
l Ideal Synchronous Rectifier MOSFET
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible
l Compatible with existing Surface Mount
Techniques
Description
The IRF6609 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the
lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package
allows dual sided cooling to maximize thermal transfer in power systems, IMPROVING previous best thermal resistance by 80%.
The IRF6609 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation
of processors operating at higher frequencies. The IRF6609 has been optimized for parameters that are critical in synchronous buck
operating from 12 volt buss converters including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The IRF6609 offers particu-
larly low Rds(on) and high Cdv/dt immunity for synchronous FET applications.
VDSS
RDS(on) max
Qg
20V
2.0m
Ω@VGS = 10V
46nC
2.6m
Ω@VGS = 4.5V
DirectFET
™ ISOMETRIC
MT
SQ
SX
ST
MQ
MX
MT
Applicable DirectFET Outline and Substrate Outline (see p.8,9 for details)
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
i
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
Ãf
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Power Dissipation
i
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
fj
–––
45
RθJA
Junction-to-Ambient
gj
12.5
–––
RθJA
Junction-to-Ambient
hj
20
–––
°C/W
RθJC
Junction-to-Case
ij
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
-40 to + 150
89
0.022
1.8
2.8
Max.
31
25
250
±20
20
150
PD - 95822B


Similar Part No. - IRF6609TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6609TRPBF IRF-IRF6609TRPBF Datasheet
271Kb / 11P
   DirectFETPower MOSFET 
More results

Similar Description - IRF6609TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VD1PBF IRF-IRF7807VD1PBF_15 Datasheet
1Mb / 9P
   LOW CONDUCTION LOSSES
logo
STMicroelectronics
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
257Kb / 9P
   Low conduction losses
August 2014 Rev 1
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y Datasheet
231Kb / 8P
   Low conduction losses
August 2014 Rev 1
logo
International Rectifier
IRF7807D1PBF IRF-IRF7807D1PBF_15 Datasheet
173Kb / 8P
   Low Conduction Losses
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
logo
STMicroelectronics
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
   Very low conduction losses
February 2014 Rev 1
logo
Vishay Siliconix
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
   Very low conduction losses
Revision: 10-Jun-15
logo
International Rectifier
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
   Very low conduction losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com