Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6609 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6609
Description  Low Conduction Losses
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6609 Datasheet(HTML) 2 Page - International Rectifier

  IRF6609 Datasheet HTML 1Page - International Rectifier IRF6609 Datasheet HTML 2Page - International Rectifier IRF6609 Datasheet HTML 3Page - International Rectifier IRF6609 Datasheet HTML 4Page - International Rectifier IRF6609 Datasheet HTML 5Page - International Rectifier IRF6609 Datasheet HTML 6Page - International Rectifier IRF6609 Datasheet HTML 7Page - International Rectifier IRF6609 Datasheet HTML 8Page - International Rectifier IRF6609 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF6609
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient –––
15
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance –––
1.6
2.0
m
–––
2.0
2.6
VGS(th)
Gate Threshold Voltage
1.55
–––
2.45
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
91
–––
–––
S
Qg
Total Gate Charge
–––
46
69
Qgs1
Pre-Vth Gate-to-Source Charge
–––
15
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.7
–––
nC
Qgd
Gate-to-Drain Charge
–––
15
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
20
–––
Qoss
Output Charge
–––
26
–––
nC
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
95
–––
td(off)
Turn-Off Delay Time
–––
26
–––
ns
tf
Fall Time
–––
9.8
–––
Ciss
Input Capacitance
–––
6290
–––
Coss
Output Capacitance
–––
1850
–––
pF
Crss
Reverse Transfer Capacitance
–––
860
–––
Avalanche Characteristics
Parameter
Units
EAS (Thermally limited) Single Pulse Avalanche Energy d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
89
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
0.80
1.2
V
trr
Reverse Recovery Time
–––
32
48
ns
Qrr
Reverse Recovery Charge
–––
26
39
nC
See Fig. 12, 13, 18a,
18b,
–––
Typ.
–––
–––
240
Max.
ID = 17A
VGS = 0V
VDS = 10V
ID = 25A
TJ = 25°C, IF = 25A
di/dt = 100A/µs
e
TJ = 25°C, IS = 25A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 31A
e
VGS = 4.5V, ID = 25A
e
VDS = VGS, ID = 250µA
VDS = 16V, VGS = 0V
VDS = 16V, VGS = 0V, TJ = 150°C
VGS = 20V
VGS = -20V
VGS = 4.5V
MOSFET symbol
Clamped Inductive Load
VDS = 10V, ID = 25A
Conditions
ƒ = 1.0MHz
VDS = 10V, VGS = 0V
VDD = 16V, VGS = 4.5V
Ãe
VDS = 10V


Similar Part No. - IRF6609

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6609 IRF-IRF6609 Datasheet
230Kb / 10P
   Power MOSFET
IRF6609PBF IRF-IRF6609PBF Datasheet
271Kb / 11P
   DirectFETPower MOSFET 
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6609TRPBF IRF-IRF6609TRPBF Datasheet
271Kb / 11P
   DirectFETPower MOSFET 
More results

Similar Description - IRF6609

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VD1PBF IRF-IRF7807VD1PBF_15 Datasheet
1Mb / 9P
   LOW CONDUCTION LOSSES
logo
STMicroelectronics
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
257Kb / 9P
   Low conduction losses
August 2014 Rev 1
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y Datasheet
231Kb / 8P
   Low conduction losses
August 2014 Rev 1
logo
International Rectifier
IRF7807D1PBF IRF-IRF7807D1PBF_15 Datasheet
173Kb / 8P
   Low Conduction Losses
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
logo
STMicroelectronics
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
   Very low conduction losses
February 2014 Rev 1
logo
Vishay Siliconix
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
   Very low conduction losses
Revision: 10-Jun-15
logo
International Rectifier
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
   Very low conduction losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com