Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE4473MF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECQE4473MF
Description  Metallized Polyester Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4473MF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECQE4473MF Datasheet HTML 5Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 6Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 7Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 8Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 9Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 10Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 11Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 12Page - Panasonic Semiconductor ECQE4473MF Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Plastic Film Capacitors
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
ECQE(F) Type 250VDC Series (Metallized Polyester Film)
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
10uF
1.0uF
0.1uF
10uF
1.0uF
0.1uF
10uF
1.0uF
0.01uF
10uF
1.0uF
0.1uF
0.1uF
1.0uF
10uF
0.1uF
1.0uF
10uF
0.01uF
0.01uF
0.1uF
0.01uF
0.01uF
0.01uF
Electrical Characteristics (Typical Data)


Similar Part No. - ECQE4473MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4473 PANASONIC-ECQE4473 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4473 PANASONIC-ECQE4473 Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4473 PANASONIC-ECQE4473 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4473 PANASONIC-ECQE4473 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE4473 PANASONIC-ECQE4473 Datasheet
352Kb / 19P
   Plastic Film Capacitors
More results

Similar Description - ECQE4473MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com