Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LST2425X Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LST2425X
Description  Coaxial Pigtailed Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LST2425X Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LST2425X Datasheet HTML 1Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 2Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 3Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 4Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 5Page - Agilent(Hewlett-Packard) LST2425X Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
516
Fiber Pigtail
Parameter
Minimum
Maximum
Units
Fiber Pigtail Length
1000
mm
Spot Size (Mode Radius)
4.5
5.5
µm
Cladding Diameter
122
128
µm
Core/Cladding Concentricity
1
µm
Secondary Jacket Diameter
0.8
1
mm
Effective Cutoff Wavelength
1150
1240
nm
Reliability Target
Parameter
Condition
Min.
Max.
Units
Median Life
50% inc. in total drive current, Tc = +25
°C
2x105
hours


Similar Part No. - LST2425X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2525-S4-B-DN HP-LST2525-S4-B-DN Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LST2525-S4-B-FP HP-LST2525-S4-B-FP Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LST2525-S4-B-SC HP-LST2525-S4-B-SC Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LST2525-S4-B-SF HP-LST2525-S4-B-SF Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LST2525-S4-B-ST HP-LST2525-S4-B-ST Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
More results

Similar Description - LST2425X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Roithner LaserTechnik G...
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Rochester Electronics
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
   Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL405-15-4 ROITHNER-SPL405-15-4 Datasheet
167Kb / 3P
   Pigtailed Coaxial Laser Diode
SPL405-45-4 ROITHNER-SPL405-45-4 Datasheet
163Kb / 3P
   Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com