Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSC4110-DN Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LSC4110-DN
Description  1 mW 14 Pin DIL Cooled Laser Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-DN Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LSC4110-DN Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-DN Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
460
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
Description
LSCX110
1 mW 14 Pin DIL Cooled Laser
Modules
Technical Data
Features
• 1 Milliwatt Optical
Output at 25 mA
above Threshold, 25
°C
• Center Wavelength between
1280 nm and 1330 nm
• Wide Modulation
Bandwidth:
LSC2110 - 800 MHz
LSC4110 - 1.2 GHz
• Wide Operating
Temperature Range: -40
°C
to +85
°C
• Alternative Package Styles:
LSC2110 - 14 Pin DIL
LSC4110 - 14 Pin“Butterfly”
Applications
• Telecommunications
• Local Area and Metropolitan
Area Networks
• Point-to-Point Data
Communications
• Fiber Optic Sensors
• Cable Television
• Military Communications
and Control Systems
• Instrumentation
LSCX110 laser modules are
highly reliable fiber optic light
sources operating in the 1300
nanometer band. The internal
semiconductor lasers are
based upon InGaAsP buried
heterostructure (BH) technology
and fabricated by the Metal
Organic Vapor Phase Epitaxy
(MOVPE) process, resulting
in long lifetimes and modest
threshold currents.
LSCX110 packages include a
photodiode for monitoring the
laser output, a thermistor for
monitoring laser heatsink
temperature and a Peltier effect
thermoelectric cooler (TEC).
A heatsink mounting flange is
incorporated into the base of the
14 pin “butterfly” package and a
“bullhorn” type flange is used
on the 14 pin DIL package.
5963-5308E (1/95)


Similar Part No. - LSC4110-DN

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSC4L HONEYWELL-LSC4L Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSC4110-DN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
logo
OKI electronic componet...
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com