Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSC3100-SF Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # LSC3100-SF
Description  14 Pin DIL Uncooled Laser Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3100-SF Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  LSC3100-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3100-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
485
Performance Specifications (cont’d.)
LSC3300
LSC3100
Parameter
Symbol
Test Conditions
Min.
Max.
Min.
Max.
Units
MONITOR
Tc = 25
°C, Vr = -5 V, (Note 2),
PHOTODIODE
CW, Pf = Pf min.
unless otherwise stated
Photocurrent
Im
25
800
50
800
µA
Responsivity
R
0.25
8.0
0.05
0.8
A/W
Dark Current
Id
If = 0 mA
-
20
-
20
nA
Tracking Error
∆R
Im = Im @ (Pf = Pf min.,
Tc = 25
°C)
Tc = -40
°C to +85°C
-1.5
+1.5
-2.0
+1.5
dB
Note:
2. Photodiode will also operate under zero bias conditions.
Fiber Pigtail: Tight jacketed, self-mode stripping, single mode fiber
Parameter
Minimum
Maximum
Units
Length
1.0
-
m
Spot Size (Mode Radius)
4.5
5.5
µm
Cladding Diameter
122
128
µm
Core/Cladding Concentricity
-
1.0
µm
Secondary Jacket Diameter
0.8
1.0
mm
Effective Cutoff Wavelength
1150
1240
nm
Hewlett-Packard can offer a ruggedized fiber pigtail for this product range if extreme mechanical strength is required. The pigtail
length can be customized to your specific length, with a connector, to a tolerance of
±25 mm.


Similar Part No. - LSC3100-SF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4M3GEX DIALIGHT-LSC3C4M3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
logo
Honeywell Solid State E...
LSC3K HONEYWELL-LSC3K Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSC3100-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
   1 mW 14 Pin DIL Cooled Laser Modules
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
logo
Roithner LaserTechnik G...
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com