Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B34X245BE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B34X245BE
Description  iiFast Switching Speed - 4.5ns max.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B34X245BE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B34X245BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B34X245BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B34X245BE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B34X245BE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.pericom.com
PS8429F
10/23/13
All trademarks are property of their respective owners.
PI3B34X245
Block Diagram
BE1
A7
A0
B7
B0
BE2
A15
A8
B15
B8
BE3
A23
A16
B23
B16
BE4
A31
A24
B31
B24
A
B
BE
SW
SW
SW
SW
SW
SW
SW
SW
SW
Pin Configuration
NC
1
2
3
4
5
6
7
8
9
GND
10
11
12
13
14
15
16
17
18
19
20
GND
BE1
80
79
78
77
76
75
VCC
74
73
72
71
70
69
68
67
66
65
64
63
62
B15
61
A0
A1
A2
A3
A4
A5
A6
A7
NC
A8
A9
A10
A11
A12
A13
A14
A15
B14
B13
B12
B11
B10
B9
B8
BE2
VCC
B0
B1
B2
B3
B4
B5
B6
B7
NC
21
22
23
24
25
26
27
28
29
GND
30
31
32
33
34
35
36
37
38
39
40
GND
BE3
60
59
58
57
56
55
VCC
54
53
52
51
50
49
48
47
46
45
44
43
42
B31
41
A16
A17
A18
A19
A20
A21
A22
A23
NC
A24
A25
A26
A27
A28
A29
A30
A31
B30
B29
B28
B27
B26
B25
B24
BE4
VCC
B16
B17
B18
B19
B20
B21
B22
B23
Description
The PI3B34X245 is a 3.3V, 32-bit, 2-port bus switch. Four enable
signals (BEn) turn the switches on. The bus switch creates no ad-
ditional propagational delay or additional ground bounce noise.
Features
Î
Î
Fast Switching Speed - 4.5ns max.
Î
Î
Near-Zero propagation delay
Î
Î
5-ohm switches connect inputs to outputs
Î
Î
Direct bus connection when switches are ON
Î
Î
Ultra-low quiescent power (1.0μA typical)
à
Ideally suited for notebook applications
Î
Î
Industrial operating temperature: –40°C to +85°C
Î
Î
TTL - compatible control of input levels
Î
Î
Packaging (Pb-free & Green):
à
80-pin 150-mil wide plastic BQSOP (B)
3.3V, 32-Bit, 2-Port NanoSwitch™
13-0160


Similar Part No. - PI3B34X245BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
More results

Similar Description - PI3B34X245BE

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
BAV99 LEIDITECH-BAV99 Datasheet
381Kb / 4P
   Fast switching speed Max:6ns
logo
Texas Instruments
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
TiMOTION Technology Co....
TA5P TIMOTION-TA5P Datasheet
456Kb / 7P
   Max. speed at max. load 4.1mm/s
20210517-M
TA31QR TIMOTION-TA31QR Datasheet
914Kb / 8P
   Max. speed at max. load 4.9mm/S
20221003-G
logo
Ningbo Tianbo Ganglian ...
TRAW TIANBO-TRAW Datasheet
989Kb / 3P
   Max. switching current 20A
logo
Hongfa Technology
HFD23 HONGFA-HFD23_17 Datasheet
60Kb / 3P
   Max. 4A switching capability
logo
Renesas Technology Corp
RJK03P7DPA RENESAS-RJK03P7DPA Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com