Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4427DY-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4427DY-T1
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4427DY-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4427DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4427DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4427DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4427DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4427DY-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si4427DY
Vishay Siliconix
New Product
Document Number: 71308
S-51452—Rev. B, 01-Aug-05
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1500
3000
4500
6000
7500
9000
0
6
12
18
24
30
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
20
40
60
80
100
120
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
10203040
50
VDS – Drain-to-Source Voltage (V)
Coss
Ciss
VDS = 15 V
ID = 13.3 A
ID – Drain Current (A)
VGS = 10 V
ID = 13.3 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
2468
10
TJ = 25_C
ID = 13.3 A
50
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
VGS = 2.5 V
TJ = 150_C
VGS = 4.5 V
Crss


Similar Part No. - SI4427DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4427DY VISHAY-SI4427DY Datasheet
69Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 21-Aug-00
SI4427DY VISHAY-SI4427DY Datasheet
99Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 01-Aug-05
SI4427DY VISHAY-SI4427DY_05 Datasheet
99Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 01-Aug-05
More results

Similar Description - SI4427DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com