Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801-4-F4 Datasheet(PDF) 2 Page - NEC

Part # PS2801-4-F4
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2801-4-F4 Datasheet(HTML) 2 Page - NEC

  PS2801-4-F4 Datasheet HTML 1Page - NEC PS2801-4-F4 Datasheet HTML 2Page - NEC PS2801-4-F4 Datasheet HTML 3Page - NEC PS2801-4-F4 Datasheet HTML 4Page - NEC PS2801-4-F4 Datasheet HTML 5Page - NEC PS2801-4-F4 Datasheet HTML 6Page - NEC PS2801-4-F4 Datasheet HTML 7Page - NEC PS2801-4-F4 Datasheet HTML 8Page - NEC PS2801-4-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS2801-1,PS2801-4
PACKAGE DIMENSIONS (in millimeters)
M
0.12
0.4±0.1
1.27
PS2801-1
PS2801-4
4.4
7.0±0.3
0.5±0.3
1.3
1.27
M
0.12
0.40
+0.10
–0.05
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
TOP VIEW
2.7±0.3
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
12 34 56 78
16 15 14 13 12 11 10 9
TOP VIEW
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1.3
MARKING
5 03
Weekly Serial Code
Assembly Year
1 503
Assembly lot
Last number of type No. : 1
PS2801-1
PS2801-4
N 5 03
Weekly Serial Code
Assembly Year
CTR Rank Name
Assembly lot
Type Number
Company & Country Name
No. 1 pin
Mark
PS28012-4
N 503
JAPAN


Similar Part No. - PS2801-4-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-4-F4 CEL-PS2801-4-F4 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-4-F4 CEL-PS2801-4-F4 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
More results

Similar Description - PS2801-4-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com