Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7985A Datasheet(PDF) 10 Page - STMicroelectronics

Part # A7985A
Description  2 A step-down switching regulator for automotive applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A7985A Datasheet HTML 6Page - STMicroelectronics A7985A Datasheet HTML 7Page - STMicroelectronics A7985A Datasheet HTML 8Page - STMicroelectronics A7985A Datasheet HTML 9Page - STMicroelectronics A7985A Datasheet HTML 10Page - STMicroelectronics A7985A Datasheet HTML 11Page - STMicroelectronics A7985A Datasheet HTML 12Page - STMicroelectronics A7985A Datasheet HTML 13Page - STMicroelectronics A7985A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Functional description
A7985A
10/44
DocID023128 Rev 5
5
Functional description
The A7985A device is based on a “voltage mode”, constant frequency control. The output
voltage VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V)
providing an error signal that, compared to a fixed frequency sawtooth, controls the ON and
OFF time of the power switch.
The main internal blocks are shown in the block diagram in Figure 3. They are:
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed-forward are implemented
Soft-start circuitry to limit inrush current during the startup phase
Voltage mode error amplifier
Pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch
High-side driver for embedded P-channel Power MOSFET switch
Peak current limit sensing block, to handle overload and short-circuit conditions
A voltage regulator and internal reference. It supplies internal circuitry and provides
a fixed internal reference
A voltage monitor circuitry (UVLO) that checks the input and internal voltages
A thermal shutdown block, to prevent thermal runaway.
Figure 3. Block diagram
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
0.6V
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM
PEAK
CURRENT
LIMIT
OSCILLATOR
S
R
Q
THERMAL
SHUTDOWN
SOFT-
START
EN
TRIMMING
UVLO
UVLO
0.6V
REGULATOR
&
BANDGAP
REGULATOR
&
BANDGAP
1.254V
3.3V
SYNCH
&
PHASE SHIFT
EN
FB
COMP
FSW
GND
SYNCH
OUT
VCC
DRIVER
E/A
PWM


Similar Part No. - A7985A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A798 ETC1-A798 Datasheet
192Kb / 3P
   TRANSISTOR
logo
STMicroelectronics
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
   3 A step-down switching regulator for automotive applications
A7986ATR STMICROELECTRONICS-A7986ATR Datasheet
1Mb / 42P
   3 A step-down switching regulator for automotive applications
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
   61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
DS12928 - Rev 3 - September 2020
A7987TR STMICROELECTRONICS-A7987TR Datasheet
2Mb / 36P
   61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
DS12928 - Rev 3 - September 2020
More results

Similar Description - A7985A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
   2 A step down switching regulator for automotive applications
B5973D_0808 STMICROELECTRONICS-B5973D_0808 Datasheet
768Kb / 12P
   2 A step down switching regulator for automotive applications
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
   3 A step-down switching regulator for automotive applications
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
   Up to 1 A step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com