Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC411L0YIP0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC411L0YIP0F
Description  High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC411L0YIP0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC411L0YIP0F Datasheet HTML 3Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 4Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 5Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 6Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 7Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 8Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 9Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 10Page - Sharp Corporation PC411L0YIP0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Sheet No.: D2-A04902EN
7
PC411L0NIP0F Series
Fig.7 Low Level Supply Current vs.
Ambient Temperature
Fig.8 Propagation Delay Time vs.
Input Current
Fig.5 Input Threshold Current vs.
Ambient Temperature
Fig.6 High Level Supply Current vs.
Ambient Temperature
−25
0
25
50
75
100
−50
2
4
6
1
3
5
0
Ambient temperature Ta (
°C)
VCC
=5V
IF
=12mA
0
20
50
40
−10
10
30
−20
Input current (mA)
510
15202530
0
tPLH
tPHL
TW
VCC
=5V, CL=15pF
Ta
=25˚C
Fig.3 Forward Current vs. Ambient
Temperature
Fig.4 Forward Current vs. Forward
Voltage
20
15
10
5
0
Ambient temperature Ta (
°C)
−25
0
25
50
100
125
−40
75
85
70
Forward voltage VF (V)
1
1.2
1.4
1.6
1.8
2
2.2
1
10
100
0.1
50˚C
0˚C
−20˚C
Ta
=85˚C
25˚C
−40˚C
−25
0
25
50
75
100
−50
2
4
6
1
3
5
0
Ambient temperature Ta (
°C)
VCC
=5V
−25
0
25
50
75
100
−50
2
4
6
1
3
5
0
Ambient temperature Ta (
°C)
VCC
=5V


Similar Part No. - PC411L0YIP0F

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
PC41 ADL-PC41 Datasheet
210Kb / 2P
   MICROSPACE PC Systems
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC410L SHARP-PC410L Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC410L0NIP0F SHARP-PC410L0NIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
More results

Similar Description - PC411L0YIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
   High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
   High Speed 1Mb/s, High CMR Mini-flat Package
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC3H2 SHARP-PC3H2 Datasheet
179Kb / 13P
   Mini-flat Half Pitch Package, High CMR Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
   High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC457S0NIP0F SHARP-PC457S0NIP0F Datasheet
225Kb / 13P
   High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT_12 Datasheet
155Kb / 7P
   Mini-Flat package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com