Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPA1155-A-FP Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # PPA1155-A-FP
Description  Analog Pigtailed PIN Photodiodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PPA1155-A-FP Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  PPA1155-A-FP Datasheet HTML 1Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 2Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 3Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 4Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 5Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 6Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 7Page - Agilent(Hewlett-Packard) PPA1155-A-FP Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
537
Performance Specifications
Absolute Limiting Ratings
Absolute (limiting) ratings mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided that
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VDD
-
5.5
V
Photodiode Voltage (Negative)
V pin
-
–7
V
Power Dissipation
-
-
350
mW
Operating Temperature
Tc
–40
+85
°C
Storage Temperature
Ts
–40
+85
°C
Soldering – 10 seconds
-
-
+260
°C
Fiber Pull
-
-
10
N
Performance Specifications[1]
Parameter
Minimum
Maximum
Units
Responsivity
0.75
-
A/W
Sensitivity[2]
52 Mb/s
–39
-
dBm
155 Mb/s
–36
Overload[2,3]
–7
-
dBm
Bandwidth
52 Mb/s
35
-
MHz
155 Mb/s
90
Output Impedance
30
60
ohms
VDD Supply Voltage
4.75
5.25
V
VDD Supply Current
-
50
mA
Photodiode Supply
–7
–4.5
V
Notes:
1. Measured over the operating temperature range and power supply tolerance.
2. Measured at the data rate specified for 1 x 10-10 using an infinite extinction ratio laser source modulated with a 223-1 PRBS pattern.
3. Higher overload performance available. Contact your local Hewlett-Packard Components representative for details.
Fiber Pigtail: Tight jacketed, self-mode stripping, multimode
Parameter
Minimum
Maximum
Units
Length
0.4
1.2
m
Core Diameter
47
53
µm
Cladding Diameter
122
128
µm
Concentricity Error
-
8
%
Secondary Jacket Diameter
0.8
1.0
mm
Schematic Diagram
3
4
VDD +5 V
2
1
GND
O/P
V pin -5 V
1. GND
2. VOUT
3. V pin
4. +VDD


Similar Part No. - PPA1155-A-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-DN HP-PPA1515-155-A-DN Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-FP HP-PPA1515-155-A-FP Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-SC HP-PPA1515-155-A-SC Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
PPA1515-155-A-ST HP-PPA1515-155-A-ST Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
More results

Similar Description - PPA1155-A-FP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT1X4X HP-PDT1X4X Datasheet
181Kb / 5P
   Pigtailed PIN Photodiodes
logo
Finisar Corporation.
PIN-1310-5I-50SMF-FCUPC FINISAR-PIN-1310-5I-50SMF-FCUPC Datasheet
218Kb / 5P
   Analog Receiver, Pigtailed, PIN ROSA
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com