Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7028L15PFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7028L15PFG8
Description  True Dual-Ported memory cells which allow simultaneous reads of the same memory location
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7028L15PFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7028L15PFG8 Datasheet HTML 1Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 2Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 7028L15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
©2009 Integrated Device Technology, Inc.
JANUARY 2009
DSC-4836/4
I/O
Control
Address
Decoder
64Kx16
MEMORY
ARRAY
7028
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
WL
A15L
A0L
SEML
INT L
(2)
BUSYL
(1,2)
LBL
CE0L
OEL
UBL
I/O
Control
Address
Decoder
CE0R
OER
R/
WR
A15R
A0R
SEMR
INTR
(2)
BUSYR
(1,2)
LBR
R/WR
OER
UBR
M/
S
(2)
CE1L
CE0R
CE1R
4836 drw 01
I/O
CE1R
CE1L
8-15L
I/O
I/O0-7R
I/O8-15R
0-7L
R/WL
16
16
Functional Block Diagram
M/
S = VIH for BUSY output flag on Master,
M/
S = VIL for BUSY input on Slave
Interrupt Flag
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Separate upper-byte and lower-byte controls for multi-
plexed bus and bus matching compatibility
TTL-compatible, single 5V (±10%) power supply
Available in a 100-pin TQFP
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Commercial: 15/20ns (max.)
– Industrial: 20ns (max.)
Low-power operation
– IDT7028L
Active: 1W (typ.)
Standby: 1mW (typ.)
Dual chip enables allow for depth expansion without
external logic
IDT7028 easily expands data bus width to 32 bits or
more using the Master/Slave select when cascading more
than one device
HIGH-SPEED
64K x 16 DUAL-PORT
STATIC RAM
IDT7028L
NOTES:
1.
BUSY is an input as a Slave (M/S = VIL) and an output when it is a Master (M/S = VIH).
2.
BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - 7028L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7028L15PFG8 IDT-7028L15PFG8 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
7028L15PFG8 IDT-7028L15PFG8 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7028L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V25L25PFI IDT-70V25L25PFI Datasheet
216Kb / 25P
   True Dual-Ported memory cells which allow simultaneous reads of the same memory location
logo
Motorola, Inc
MCM62Y308 MOTOROLA-MCM62Y308 Datasheet
257Kb / 16P
   Synchronous Line Buffer:8K x 8 Bit Fast Static Dual Ported Memory
logo
STMicroelectronics
AN4433 STMICROELECTRONICS-AN4433 Datasheet
396Kb / 34P
   Storing data into the NDEF memory of M24SR
logo
List of Unclassifed Man...
X9DR7-LN4F ETC1-X9DR7-LN4F Datasheet
1Mb / 1P
   Insert the desired number of DIMMs into the memory slots
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Sharp Corporation
LS012B7DD01 SHARP-LS012B7DD01 Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
logo
Seiko Instruments Inc
S25A256B SII-S25A256B Datasheet
377Kb / 23P
   Monitoring of a write memory state by the status register
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Integrated Circuit Syst...
ICS9222-01 ICST-ICS9222-01 Datasheet
93Kb / 6P
   Dual Memory Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com