Electronic Components Datasheet Search |
|
ECJZEB1H331 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECJZEB1H331 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 12 page – EC9 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) ■ Packaging Styles and Standard Packaging Quantities Quantity (Taping: pcs./reel) Packaging Style Code Size Thickness (mm) Packaging Styles 0201 0402 0603 0805 T=0.3 T=0.5 T=0.8 T=0.6 T=0.85 T=1.25 E φ180 reel Paper taping (Pitch: 2 mm) 15,000 10,000 — — — — V Paper taping (Pitch: 4 mm) —— 4,000 5,000 4,000 — F Embossed taping (Pitch: 4 mm) ————— 3,000 ■ Temperature Characteristics ● Class 1 Temperature Characteristic Code Temperature Characteristics Temp. Coeff. (ppm/°C) Rate of Capacitance change at each Temperature (%) –25 °C 85 °C max. min. max. min. CC ∆ >10 pF CG 0± 30 0.33 –0.14 0.20 –0.20 >4 pF CH 0± 60 0.49 –0.27 0.39 –0.39 3 pF CJ 0±120 0.82 –0.54 0.78 –0.78 <2 pF CK 0±250 1.54 –1.13 1.63 –1.63 GSL +350 to –1000 — — 2.28 –6.50 Temperature coefficient: calculated between 20 °C to 85 °C For applicable “temperature characteristics”, see the lists of standard products on page 13 to 19. ● Class 2 Temperature Characteristic Code Temperature Characteristics Capacitance Change Measurement Temperature Range Reference Temperature B B±10 % –25 to 85 °C 20 °C X7R ±15 % –55 to 125 °C 25 °C X5R ±15 % –55 to 85 °C 25 °C F F+30, –80 % –25 to 85 °C 20 °C Y5V +22, –82 % –30 to 85 °C 25 °C For applicable “temperature characteristics”, see the lists of standard products on page 13 to 19. ■ Rated Voltage Code 1H 1E 1C 1A 0J Rated Voltage DC 50 V DC 25 V DC 16 V DC 10 V DC 6.3 V ■ Nominal Capacitance Ex 0R5 010 100 104 Nominal Capacitance 0.5 pF 1 pF 10 pF 100,000 pF (0.1 µF) ■ Capacitance Tolerance Class Temperature Characteristics Tol. Code Capacitance Tolerance 1C ∆, SL Capacitance range C < 5 pF C ±0.25 pF C <10 pF D ±0.5 pF C =10 pF F ±1 pF C >10 pF J±5 % K±10 % 2 B, X7R, X5R K±10 % M±20 % F, Y5V Z +80, –20 % φ330 reel and bulk case type : Please contact us Apr. 2008 00 |
Similar Part No. - ECJZEB1H331 |
|
Similar Description - ECJZEB1H331 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |