Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRE1N8DF2 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELJRE1N8DF2
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE1N8DF2 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ELJRE1N8DF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 4Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 5Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 6Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 7Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 8Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 9Page - Panasonic Semiconductor ELJRE1N8DF2 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Chip Inductors
s Examples: Type 3225 (1210) NA
Normal Types FD, FC, FA, SA, FB
s Examples: Type 3225 (1210) NA
Part No.
µH
Tolerance
Q*
1 min.
(100 MHz)
Inductance
L • Q
Test–Frequency
(MHz)
SRF*
2
*3 min.
(MHz)
R DC
±30%
(
Ω)
IDC max.
(mA)
ELJFDR82KF
0.81
370
1.35
190
ELJFD1R0KF
1.0
300
1.56
160
ELJFD1R2KF
1.2
200
1.60
155
ELJFD1R5KF
1.5
100
1.85
150
ELJFD1R8KF
1.8
80
1.95
145
ELJFD2R2KF
2.2
70
2.27
145
ELJFD2R7KF
2.7
60
2.54
140
ELJFD3R3KF
3.3
50
2.84
140
ELJFD3R9KF
3.9
40
2.92
130
ELJFD4R7KF
4.7
30
3.38
130
*Test instrument * 1 HP4191A * 2 HP8753B * 3 Self-resonant frequency
± 10%
15
7.96
8
25.2
Part No.
µH
Freq. MHZ
Freq. MHZ
Tolerance
min.
Inductance
Q
SRF
MHz (min.)
DCR
Ω max.
Rated DC
Current
mA Max.
100
25.2
±20%
±10%
±5%
7.96
25.2
100
10
13
1.0
ELJNA47NMF
ELJNA56NMF
ELJNA68NMF
ELJNA82NMF
ELJNAR10MF
ELJNAR12MF
ELJNAR15MF
ELJNAR18MF
ELJNAR22KF
ELJNAR27KF
ELJNAR33KF
ELJNAR39KF
ELJNAR47KF
ELKNAR56KF
ELJNAR68KF
ELJNAR82KF
ELJNA1R0KF
ELJNA1R2JF
ELJNA1R5JF
ELJNA1R8JF
ELJNA2R2JF
ELJNA2R7JF
ELJNA3R3JF
ELJNA3R9JF
ELJNA4R7JF
ELJNA5R6JF
ELJNA6R8JF
ELJNA8R2JF
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
0.20
0.22
0.25
0.27
0.30
0.67
0.72
0.81
0.90
1.0
1.1
1.2
1.4
1.5
1.7
1.9
2.1
2.3
2.7
3.0
3.2
3.6
4.2
4.4
7.7
8.7
10
11
680
600
540
500
450
400
350
320
280
250
220
200
180
160
150
135
120
110
95
85
80
70
62
57
52
46
42
38
450
420
400
380
360
240
230
220
210
200
190
180
175
170
155
145
125
120
115
110
110
105
100
95
70
65
60
60
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJRE1N8DF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE1N8DF2 PANASONIC-ELJRE1N8DF2 Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJRE1N8DF2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com