Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNCR47JKF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ELJNCR47JKF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNCR47JKF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ELJNCR47JKF Datasheet HTML 5Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 6Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 7Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 8Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 9Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 10Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 11Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 12Page - Panasonic Semiconductor ELJNCR47JKF Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Chip Inductors
s Examples: Type 3225 (1210) SA
s Examples: Type 4532 (1812) FB
Part No.
µH
Freq. MHZ
Freq. MHZ
Tolerance
min.
Inductance
Q
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
0.1
±10%
±5%
1.5
0.796
2.52
40
30
ELJFB101K/JF
ELJFB121K/JF
ELJFB151K/JF
ELJFB181K/JF
ELJFB221K/JF
ELJFB271K/JF
ELJFB331K/JF
ELJFB391K/JF
ELJFB471K/JF
ELJFB561K/JF
ELJFB681K/JF
ELJFB821K/JF
ELJFB102K/JF
100
120
150
180
220
270
330
390
470
560
680
820
1000
8.8
10
11
13
13
14
16
19
31
35
39
45
53
6.7
6.1
5.5
5.1
4.5
4.1
3.7
3.3
3.3
2.7
2.5
2.4
2.1
105
100
95
85
85
80
75
70
55
50
50
45
40
* Self-resonant frequency •• DC resistance
Part No.
µH
Freq. MHZ
Freq. MHZ
Tolerance
min.
Inductance
Q
SRF
MHz (min.)
DCR
Ω max.
Rated DC
Current mA max.
1.0
0.1
±10%
1.5
5.0
40
ELJSA100KF
ELJSA120KF
ELJSA150KF
ELJSA180KF
ELJSA220KF
ELJSA270KF
ELJSA330KF
ELJSA390KF
ELJSA470KF
ELJSA560KF
ELJSA680KF
ELJSA820KF
ELJSA101KF
ELJSA121KF
ELJSA151KF
ELJSA181KF
ELJSA221KF
ELJSA271KF
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
1.8
2.0
2.2
2.5
2.8
3.2
3.5
3.8
4.0
4.5
5.0
6.0
7.0
8.0
9.0
11.0
12.0
14.0
30
28
25
23
20
18
17
15
14
13
12
11
10
9
5
5
4
4
18
17
15
13
12
10
10
9
8
7
6
6
5
5
5
5
5
5
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJNCR47JKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNCR47F PANASONIC-ELJNCR47F Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJNCR47K/JF PANASONIC-ELJNCR47K/JF Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJNCR47JKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com