Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNA1R0KF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJNA1R0KF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNA1R0KF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJNA1R0KF Datasheet HTML 1Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 2Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 3Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 4Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 5Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 6Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 7Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 8Page - Panasonic Semiconductor ELJNA1R0KF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Chip Inductors
s Examples: Type 2520 (1008) NC
Part No.
µH
Tolerance
Q
min.
Inductance
L • Q
Test–Frequency
MHz
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
ELJNC10NKF
0.010
2500
0.32
280
ELJNC12NKF
0.012
2200
0.34
270
ELJNC15NKF
0.015
1800
0.38
255
ELJNC18NKF
0.018
1550
0.40
250
ELJNC22NKF
0.022
1350
0.43
240
ELJNC27NKF
0.027
1150
0.47
230
ELJNC33NJ/KF
0.033
1000
0.51
220
ELJNC39NJ/KF
0.039
890
0.55
215
ELJNC47NJ/KF
0.047
770
0.59
205
ELJNC56NJ/KF
0.056
670
0.63
200
ELJNC68NJ/KF
0.068
590
0.68
190
ELJNC82NJ/KF
0.082
520
0.73
185
ELJNCR10J/KF
0.10
460
0.80
175
ELJNCR12J/KF
0.12
400
0.87
170
ELJNCR15J/KF
0.15
340
0.98
160
ELJNCR18J/KF
0.18
300
1.05
155
ELJNCR22J/KF
0.22
260
1.15
145
ELJNCR27J/KF
0.27
230
1.25
140
ELJNCR33J/KF
0.33
200
1.37
135
ELJNCR39J/KF
0.39
180
1.47
130
ELJNCR47J/KF
0.47
160
1.58
125
ELJNCR56J/KF
0.56
145
1.70
120
ELJNCR68J/KF
0.68
130
1.85
110
ELJNCR82J/KF
0.82
100
2.10
100
*Self-Resonant Frequency ** DC Resistance
± 10%
10
15
10
25.2
100
± 10%
±5%
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJNA1R0KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNA1R0F PANASONIC-ELJNA1R0F Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJNA1R0F PANASONIC-ELJNA1R0F Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJNA1R0JF PANASONIC-ELJNA1R0JF Datasheet
1Mb / 15P
   Chip Inductors
More results

Similar Description - ELJNA1R0KF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com