Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32559C Datasheet(PDF) 19 Page - TDK Electronics

Part # B32559C
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32559C Datasheet(HTML) 19 Page - TDK Electronics

Back Button B32559C Datasheet HTML 15Page - TDK Electronics B32559C Datasheet HTML 16Page - TDK Electronics B32559C Datasheet HTML 17Page - TDK Electronics B32559C Datasheet HTML 18Page - TDK Electronics B32559C Datasheet HTML 19Page - TDK Electronics B32559C Datasheet HTML 20Page - TDK Electronics B32559C Datasheet HTML 21Page - TDK Electronics B32559C Datasheet HTML 22Page - TDK Electronics B32559C Datasheet HTML 23Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Topic
Safety information
Reference chapter
"Mounting guidelines"
Soldering
Do not exceed the specified time or temperature
limits during soldering.
1 "Soldering"
Cleaning
Use only suitable solvents for cleaning capacitors. 2 "Cleaning"
Embedding of
capacitors in
finished assemblies
When embedding finished circuit assemblies in
plastic resins, chemical and thermal influences
must be taken into account.
Caution: Consult us first, if you also wish to
embed other uncoated component types!
3 "Embedding of
capacitors in finished
assemblies"
B32559C
Compact design (stacked)
Page 19 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32559C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0105 EPCOS-B32559C0105 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0224 EPCOS-B32559C0224 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0334 EPCOS-B32559C0334 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C0474 EPCOS-B32559C0474 Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32559C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com