Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFCR68MKF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJFCR68MKF
Description  Chip Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFCR68MKF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJFCR68MKF Datasheet HTML 1Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 2Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 3Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 4Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 5Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 6Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 7Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 8Page - Panasonic Semiconductor ELJFCR68MKF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Chip Inductors
Chip Inductors
Surface Mount, Chip
ELJ-A/B/C/D/E
Series:
Chip
Type:
RE, ND, NC, NA, FD,
FC, FA, SA, PB, PC, PA
Non-winding (RE) and wire wound types chip inductors for
automatic mounting and high-density mounting.
Industrial property:
Patents 4.
s Explanation of Part Numbers
Nominal Inductance
R
6
2
7
2
8
Type
F
4
A
5
Product Code
E
1
L
2
J
3
Tolerance
M
9
D
±0.3 nH
J
±15%
K
±10%
M
±20%
Packaging
F
10
Option
11
F Tape and Reel
2N2
→ 2.2 nH
22N
→ 22 nH
R22
→ 0.22 µH
2R2
→ 2.2 µH
220
→ 22 µH
221
→ 220 µH
102
→ 1000 µH
E
D
C
A
B
1608
2012
2520
3225
4532
Types
(0603)
(0805)
(1008)
(1210)
(1812)
Coreless
RE
ND
NC
NA
Regular
FD
FC
FA
FB
Shield
SA
Power
PC
PA
Style
Size unit: mm (inch)
s Features
• High Q
• Good for mounting
• Allowable range (1.5 nH to 1,000 µH)
s Recommended Applications
• CTV, VTR, HIC, HDD, FDD, cordless telephones,
portable telephones, pagers, video cameras
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ELJFCR68MKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFCR68MF PANASONIC-ELJFCR68MF Datasheet
96Kb / 4P
   General Use FC, FA, FB General use wire wound, resin molded chip inductor.
More results

Similar Description - ELJFCR68MKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com