Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41789A5158Q001 Datasheet(PDF) 10 Page - TDK Electronics

Part # B41789A5158Q001
Description  Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41789A5158Q001 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B41789A5158Q001 Datasheet HTML 6Page - TDK Electronics B41789A5158Q001 Datasheet HTML 7Page - TDK Electronics B41789A5158Q001 Datasheet HTML 8Page - TDK Electronics B41789A5158Q001 Datasheet HTML 9Page - TDK Electronics B41789A5158Q001 Datasheet HTML 10Page - TDK Electronics B41789A5158Q001 Datasheet HTML 11Page - TDK Electronics B41789A5158Q001 Datasheet HTML 12Page - TDK Electronics B41789A5158Q001 Datasheet HTML 13Page - TDK Electronics B41789A5158Q001 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2) Maximum ripple current at 125
°C capacitor case temperature T
C (measured at aluminum case surface), when mounted to a heat
sink. Further details available upon request.
Technical data
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max2)
10 kHz
TC 125
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
∇ Increased ripple current due to optimized thermal design
VR = 40 V DC
1200
20
× 29
61
274
26
24
14.9
9.3
5.6
2.8
1200
20
× 29
61
274
26
24
16.5
9.7
5.9
2.9
1400
18
× 39
52
235
22
20
18.9
11.8
7.1
3.6
1400
18
× 39
52
235
22
20
20.8
12.2
7.4
3.7
2000
21
× 39
38
165
16
16
21.3
13.2
8.0
4.0
2000
21
× 39
38
165
16
16
23.4
13.8
8.4
4.2
2700
21
× 49
28
123
12
12
26.8
16.7
10.1
5.0
2700
21
× 49
28
123
12
12
29.5
17.4
10.5
5.3
VR = 63 V DC
270
16
× 25
218
777
66
63
8.4
5.2
3.2
1.6
270
16
× 25
218
777
66
63
9.2
5.4
3.3
1.6
330
16
× 30
178
636
54
51
10.3
6.4
3.9
1.9
330
16
× 30
178
636
54
51
11.2
6.6
4.0
2.0
390
18
× 25
160
602
54
51
9.5
5.9
3.6
1.8
390
18
× 25
160
602
54
51
10.4
6.1
3.7
1.9
470
16
× 35
131
498
43
41
12.3
7.7
4.6
2.3
470
16
× 35
131
498
43
41
13.4
7.9
4.8
2.4
560
18
× 30
113
420
39
37
12.0
7.5
4.5
2.3
560
18
× 30
113
420
39
37
13.1
7.7
4.7
2.3
590
16
× 39
105
397
35
33
14.2
8.8
5.3
2.7
590
16
× 39
105
397
35
33
15.5
9.1
5.5
2.8
600
20
× 29
99
350
31
29
13.9
8.7
5.3
2.6
600
20
× 29
99
350
31
29
15.2
9.0
5.4
2.7
820
18
× 39
78
287
27
26
16.1
10.0
6.1
3.0
820
18
× 39
78
287
27
26
17.6
10.4
6.3
3.1
1000
21
× 39
61
211
19
18
20.0
12.4
7.5
3.8
1000
21
× 39
61
211
19
18
21.8
12.9
7.8
3.9
1300
21
× 49
47
162
15
14
25.1
15.6
9.5
4.7
1300
21
× 49
47
162
15
14
27.4
16.2
9.8
4.9
B41689, B41789
Very high ripple current
up to 150
°C
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41789A5158Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41789A5158Q001 TDK-B41789A5158Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
B41789A5158Q001 TDK-B41789A5158Q001 Datasheet
407Kb / 19P
   Aluminum electrolytic capacitors
B41789A5158Q001 TDK-B41789A5158Q001 Datasheet
613Kb / 21P
   Aluminum electrolytic capacitors
B41789A5158Q001 TDK-B41789A5158Q001 Datasheet
99Kb / 2P
   Axial Capacitors
More results

Similar Description - B41789A5158Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41691 TDK-B41691 Datasheet
429Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41696 TDK-B41696 Datasheet
420Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41690 TDK-B41690 Datasheet
450Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41695 TDK-B41695 Datasheet
459Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41693 TDK-B41693 Datasheet
443Kb / 1P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com