Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6006V8TP Datasheet(PDF) 4 Page - Littelfuse

Part # L6006V8TP
Description  Sample Instructions for Choosing a Packing Option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6006V8TP Datasheet(HTML) 4 Page - Littelfuse

  L6006V8TP Datasheet HTML 1Page - Littelfuse L6006V8TP Datasheet HTML 2Page - Littelfuse L6006V8TP Datasheet HTML 3Page - Littelfuse L6006V8TP Datasheet HTML 4Page - Littelfuse L6006V8TP Datasheet HTML 5Page - Littelfuse L6006V8TP Datasheet HTML 6Page - Littelfuse L6006V8TP Datasheet HTML 7Page - Littelfuse L6006V8TP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Packing Options
Data Sheets
http://www.littelfuse.com
M3 - 4
2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
TO-92 Type 70 Reel Pack (RP3) Optional
Meets all EIA-468-B 1994 Standards
TO-92 Type 70 Reel Pack (RP2) Standard
Meets all EIA-468-B 1994 Standards
Flat Up
0.708
(18.0)
1.3
(33.1)
0.5
(12.7)
0.1 (2.54)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17
(360.0)
0.95
(24.1)
0.157
DIA
(4.0)
Flat Down
1.62
(41.2)
0.708
(18.0)
0.354
(9.0)
0.236
(6.0)
0.02
(0.5)
0.50
(12.7)
14.17
(360.0)
0.20
(5.08)
0.125 (3.2) MAX
1.27
(32.2)
1.97
(50.0)
0.50
(12.7)
0.25
(6.35)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.157
DIA
(4.0)


Similar Part No. - L6006V8TP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L6006V8 TECCOR-L6006V8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6006V8 LITTELFUSE-L6006V8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6006V8 TECCOR-L6006V8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6006V8 LITTELFUSE-L6006V8 Datasheet
176Kb / 8P
   Sensitive Triacs
L6006V8 LITTELFUSE-L6006V8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L6006V8TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
   Choosing a DALI implementation strategy with ST7DALIF2
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com