Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2805C-4-V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS2805C-4-V
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2805C-4-V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS2805C-4-V Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2805C-4-V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
The PS2805C-1 and PS2805C-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic SSOP for high density applications to realize an excellent cost performance.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4, 16-pin SSOP, Pin pitch 1.27 mm)
PS2805C-1
PS2805C-4
PIN CONNECTION
(Top View)
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
43
12
12 34 56 78
16 15 14 13 12 11 10 9
Anode, Cathode
Cathode, Anode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
• VCEO : 80 V
• AC input response
• Ordering number of tape product: PS2805C-1-F3, F4, PS2805C-4-F3, F4
• Pb-Free product
• Safety standards
UL approved: File No. E72422
DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Programmable logic controllers
• OA equipment
• Measuring instruments
• Hybrid IC
2006
PHOTOCOUPLER
PS2805C-1,PS2805C-4
HIGH ISOLATION VOLTAGE
AC INPUT RESPONSE TYPE
SSOP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10611EJ01V0DS (1st edition)
Date Published June 2006 NS CP(K)


Similar Part No. - PS2805C-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2805C-4-V-F3 CEL-PS2805C-4-V-F3 Datasheet
536Kb / 13P
   HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-4-V-F3 RENESAS-PS2805C-4-V-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
logo
California Eastern Labs
PS2805C-4-V-F3-A CEL-PS2805C-4-V-F3-A Datasheet
536Kb / 13P
   HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805C-4-V

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com