Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-5503-FI000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDSP-5503-FI000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-5503-FI000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDSP-5503-FI000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-5503-FI000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
900
2500
IF = 10 mA
Luminous Intensity/Segment[1,2]
IV
µcd
(Digit Average)`
3100
IF = 60 mA Peak:
1 of 6 df
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
56XX
Peak Wavelength
λ
PEAK
566
nm
Dominant Wavelength[3,7]
λ
d
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-Pin
345
°C/W/
to-Pin
Seg
High Performance Green
Notes:
1. Device case temperature is 25
°C prior to the intensity measurement.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of
the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. For low current operation, the AlGaAs HDSP-H10X series displays are recommended. They are tested at 1 mA dc/segment and are
pin for pin compatible with the HDSP-H15X series.
6. For low current operation, the HER HDSP-555X series displays are recommended. They are tested at 2 mA dc/segment and are pin
for pin compatible with the HDSP-550X series.
7. The Yellow (HDSP-5700) and Green (HDSP-5600) displays are categorized for dominant wavelength. The category is designated by
a number adjacent to the luminous intensity category letter.
AlGaAs Red
Figure 2. Maximum Tolerable Peak Current
vs. Pulse Duration – AlGaAs Red.
Figure 1. Maximum Tolerable Peak Current vs.
Pulse Duration – Red.


Similar Part No. - HDSP-5503-FI000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5503 HP-HDSP-5503 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5503 HP-HDSP-5503 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-5503 AVAGO-HDSP-5503 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5503 AVAGO-HDSP-5503 Datasheet
352Kb / 10P
   Seven Segment Displays
More results

Similar Description - HDSP-5503-FI000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com