Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM-D21 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAM-D21
Description  SMART ARM-Based Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM-D21 Datasheet(HTML) 2 Page - ATMEL Corporation

  SAM-D21_14 Datasheet HTML 1Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 2Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 3Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 4Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 5Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 6Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 7Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 8Page - ATMEL Corporation SAM-D21_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Atmel | SMART SAM D21 [DATASHEET SUMMARY]
Atmel-42181DS–SAM-D21_Summary–09/2014
Features
Processor
ARM Cortex-M0+ CPU running at up to 48MHz
Single-cycle hardware multiplier
Micro Trace Buffer (MTB)
Memories
32/64/128/256KB in-system self-programmable Flash
4/8/16/32KB SRAM Memory
System
Power-on reset (POR) and brown-out detection (BOD)
Internal and external clock options with 48MHz Digital Frequency Locked Loop (DFLL48M) and 48MHz to 96MHz Fractional
Digital Phase Locked Loop (FDPLL96M)
External Interrupt Controller (EIC)
16 external interrupts
One non-maskable interrupt
Two-pin Serial Wire Debug (SWD) programming, test and debugging interface
Low Power
Idle and standby sleep modes
SleepWalking peripherals
Peripherals
12-channel Direct Memory Access Controller (DMAC)
12-channel Event System
Up to five 16-bit Timer/Counters (TC), configurable as either:
One 16-bit TC with compare/capture channels
One 8-bit TC with compare/capture channels
One 32-bit TC with compare/capture channels, by using two TCs
Three 24-bit Timer/Counters for Control (TCC), with extended functions:
Up to four compare channels with optional complementary output
Generation of synchronized pulse width modulation (PWM) pattern across port pins
Deterministic fault protection, fast decay and configurable dead-time between complementary output
Dithering that increase resolution with up to 5 bit and reduce quantization error
32-bit Real Time Counter (RTC) with clock/calendar function
Watchdog Timer (WDT)
CRC-32 generator
One full-speed (12Mbps) Universal Serial Bus (USB) 2.0 interface
Embedded host and device function
Eight endpoints
Up to six Serial Communication Interfaces (SERCOM), each configurable to operate as either:
USART with full-duplex and single-wire half-duplex configuration
I2C up to 3.4MHz
SPI
LIN slave
One two-channel Inter-IC Sound (I2S) interface
One 12-bit, 350ksps Analog-to-Digital Converter (ADC) with up to 20 channels
Differential and single-ended input
1/2x to 16x programmable gain stage
Automatic offset and gain error compensation
Oversampling and decimation in hardware to support 13-, 14-, 15- or 16-bit resolution
10-bit, 350ksps Digital-to-Analog Converter (DAC)
Two Analog Comparators (AC) with window compare function
Peripheral Touch Controller (PTC)
256-Channel capacitive touch and proximity sensing
I/O
Up to 52 programmable I/O pins
Drop in compatible with SAM D20
Packages
64-pin TQFP, QFN
48-pin TQFP, QFN
32-pin TQFP, QFN
Operating Voltage
1.62V – 3.63V


Similar Part No. - SAM-D21_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-D21-XPLAINED-PRO ATMEL-SAM-D21-XPLAINED-PRO Datasheet
3Mb / 23P
   SMART ARM-based Microcontrollers
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
More results

Similar Description - SAM-D21_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D20G ATMEL-SAM-D20G_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAMD20G ATMEL-SAMD20G_14 Datasheet
4Mb / 676P
   SMART ARM-Based Microcontroller
SAMD20J ATMEL-SAMD20J_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com