Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1117ADT33TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD1117ADT33TR
Description  Low drop fixed and adjustable positive voltage regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117ADT33TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD1117ADT33TR Datasheet HTML 3Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 4Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 5Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 6Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 7Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 8Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 9Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 10Page - STMicroelectronics LD1117ADT33TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID7194 Rev 26
7/24
LD1117A
Electrical characteristics
24
5
Electrical characteristics
Refer to the test circuits, TJ = 0 to 125 °C, CO = 10 µF, CI = 10 µF, R = 120 Ω between OUT-
GND, unless otherwise specified.
Refer to the test circuits, TJ = 0 to 125 °C, CO = 10 µF, CI = 10 µF, unless otherwise
specified.
Table 4. Electrical characteristics of LD1117A#12
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 5.3 V, IO = 10 mA, TJ = 25 °C
1.176
1.2
1.224
V
VO
Output voltage
IO = 0 to 1 A, VI = 2.75 to 10 V
1.152
1.2
1.248
V
ΔVO
Line regulation
VI = 2.75 to 8 V, IO = 0 mA
1
6
mV
ΔVO
Load regulation
VI = 2.75 V, IO = 0 to 1 A
1
10
mV
ΔVO
Temperature stability
0.5
%
ΔVO
Long term stability
1000 hrs, TJ = 125 °C
0.3
%
VI
Operating input voltage
IO = 100 mA
10
V
Id
Quiescent current
VI ≤ 8 V, IO = 0 mA
5
10
mA
IO
Output current
VI - VO = 5 V, TJ = 25 °C
1000
1200
mA
eN
Output noise voltage
B = 10 Hz to 10 kHz, TJ = 25 °C
100
µV
SVR
Supply voltage rejection
IO = 40 mA, f = 120 Hz
VI - VO = 3 V, Vripple = 1 VPP
60
80
dB
VD
Dropout voltage
IO = 100 mA
1
1.10
V
IO = 500 mA
1.05
1.15
IO = 1 A
1.15
1.30
ΔVO(pwr) Thermal regulation
Ta = 25 °C, 30 ms pulse
0.08
0.2
%/W
Table 5. Electrical characteristics of LD1117A#18
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 3.8 V, IO = 10 mA, TJ = 25 °C
1.764
1.8
1.836
V
VO
Output voltage
IO = 0 to 1 A, VI = 3.3 to 8 V
1.728
1.872
V
ΔVO
Line regulation
VI = 3.3 to 8 V, IO = 0 mA
1
6
mV
ΔVO
Load regulation
VI = 3.3 V, IO = 0 to 1 A
1
10
mV
ΔVO
Temperature stability
0.5
%
ΔVO
Long term stability
1000 hrs, TJ = 125 °C
0.3
%
VI
Operating input voltage
IO = 100 mA
10
V
Id
Quiescent current
VI ≤ 8 V, IO = 0 mA
5
10
mA
IO
Output current
VI - VO = 5 V, TJ = 25 °C
1000
mA


Similar Part No. - LD1117ADT33TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117ADT33TR STMICROELECTRONICS-LD1117ADT33TR Datasheet
434Kb / 27P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LD1117ADT33TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com