Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HJ1109 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HJ1109
Description  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HJ1109 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HJ1109 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HJ1109 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HJ1109 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6019-B
Issued Date : 1996.04.15
Revised Date : 2000.11.01
Page No. : 1/3
HSMC Product Specification
HJ1109
PNP EPITAXIAL PLANAR TRANSISTOR
Description
• Low frequency high voltage amplifier.
• Complementary pair with HJ1609.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................. 1.25 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage ................................................................................... -160 V
BVCES Collector to Emitter Voltage ................................................................................ -160 V
BVEBO Emitter to Base Voltage .......................................................................................... -5 V
IC Collector Current ...................................................................................................... -100 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-160
-
-
V
IC=-10uA, IE=0
BVCEO
-160
-
-
V
IC=-1mA , IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-10
uA
VCB=-140V, IE=0
*VCE(sat)
-
-
-2
V
IC=-30mA, IB=-3mA
VBE
-
-
-1.5
V
VCE=-5V, IC=-10mA
*hFE1
60
-
320
VCE=-5V, IC=-10mA
*hFE2
30
-
-
VCE=-5V, IC=-1mA
FT
-
140
-
MHz
VCE=-5V, IC=-10mA
Cob
-
5.5
-
pF
VCB=-10V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE1
Rank
B
C
D
Range
60-120
100-200
160-320


Similar Part No. - HJ1109

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HJ112 HSMC-HJ112 Datasheet
42Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ117 HSMC-HJ117 Datasheet
34Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HJ1109

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com