Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD32303 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SD32303
Description  SOD-323
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SD32303 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SD32303 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD32303 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD32303 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD32303 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0428, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SD32303
THRU
SD32324
MARKING DIAGRAM
SD32303
= Part Name
Cautions:Molding resin
Epoxy resin UL:94V-0


Similar Part No. - SD32303

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SD32 EIC-SD32 Datasheet
57Kb / 1P
   SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
logo
AVX Corporation
SD3200S020L0R1 AVX-SD3200S020L0R1 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD3200S020L0R2 AVX-SD3200S020L0R2 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD3200S020L0R3 AVX-SD3200S020L0R3 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
SD3200S020S0R1 AVX-SD3200S020S0R1 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
More results

Similar Description - SD32303

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BAT54WS WINNERJOIN-BAT54WS_15 Datasheet
230Kb / 3P
   SOD-323
BAV19WS WINNERJOIN-BAV19WS_15 Datasheet
113Kb / 2P
   SOD-323
BAV16WS WINNERJOIN-BAV16WS_15 Datasheet
170Kb / 2P
   SOD-323
MBR0520WS WINNERJOIN-MBR0520WS_15 Datasheet
280Kb / 2P
   SOD-323
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
   SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
   SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
   SOD-323 PACKAGE
logo
Shanghai Leiditech Elec...
MM3Z5V6 LEIDITECH-MM3Z5V6 Datasheet
1Mb / 4P
   Dimensions SOD-323
logo
Shanghai Semitech Semic...
GBLC03CI SEMITECH-GBLC03CI Datasheet
127Kb / 3P
   Small SOD-323 Package
logo
Silicon Standard Corp.
RB551V-30 SSC-RB551V-30 Datasheet
364Kb / 2P
   SOD-323 Plastic-Encapsulate Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com