Electronic Components Datasheet Search |
|
74HC40103 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
74HC40103 Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 25 page 9397 750 13812 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data sheet Rev. 03 — 12 November 2004 7 of 25 Philips Semiconductors 74HC40103 8-bit synchronous binary down counter 8. Functional description 8.1 Function table [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care. [2] Clock connected to CP. Synchronous operation: changes occur on the LOW-to-HIGH CP transition. Jam inputs: MSD = P7, LSD = P0. 9. Limiting values [1] Above 70 °C: P tot derates linearly with 12 mW/K. [2] Above 70 °C: P tot derates linearly with 8 mW/K. Table 4: Function table [1] Control inputs Preset mode Action [2] MR PL PE TE L X X X asynchronous clear to maximum count H L X X asynchronous preset asynchronously H L X synchronous preset on next LOW-to HIGH clock transition H L synchronous count down H synchronous inhibit counter Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7 V IIK input diode current VI < −0.5 V or VI >VCC + 0.5 V - ±20 mA IOK output diode current VO < −0.5 V or VO >VCC + 0.5 V - ±20 mA IO output source or sink current VO = −0.5 V to VCC + 0.5 V - ±25 mA ICC, IGND VCC or GND current - ±50 mA Tstg storage temperature −65 +150 °C Ptot power dissipation DIP16 package [1] - 750 mW SO16, SSOP16 and TSSOP16 packages [2] - 500 mW |
Similar Part No. - 74HC40103 |
|
Similar Description - 74HC40103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |