Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G11GF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G11GF
Description  Single 3-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G11GF Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G11GF Datasheet HTML 1Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 2Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 3Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 4Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 5Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G11GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVC1G11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
3 of 17
NXP Semiconductors
74LVC1G11
Single 3-input AND gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Fig 4.
Pin configuration SOT363
and SOT457
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891,
SOT1115 and SOT1202
74LVC1G11
AC
GND
BY
001aac032
1
2
3
6
VCC
5
4
74LVC1G11
GND
001aac849
A
B
VCC
C
Y
Transparent top view
2
3
1
5
4
6
74LVC1G11
GND
001aaf200
A
B
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
A
1
data input
GND
2
ground (0 V)
B
3
data input
Y
4
data output
VCC
5
supply voltage
C
6
data input
Table 4.
Function table[1]
Input
Output
A
B
C
Y
HH
HH
LX
X
L
XL
XL
XX
L
L


Similar Part No. - 74LVC1G11GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G11GF NXP-74LVC1G11GF Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
More results

Similar Description - 74LVC1G11GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G11-Q100 NEXPERIA-74LVC1G11-Q100 Datasheet
777Kb / 13P
   Single 3-input AND gate
logo
NXP Semiconductors
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
   Single 3-input AND gate
Rev. 01-30 November 2004
logo
Nexperia B.V. All right...
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com