Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A225L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQU2A225L
Description  Metallized Polyester Film Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A225L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQU2A225L Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A225L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC78−
Plastic Film Capacitors
Metallized Polyester Film Capacitor
Type:
ECQUL [Class X2] [Class Y2/X2]
In accordance with UL/CSA and European safety
regulation class X2 or class Y2/X2
■Features
Compact
Flame-retardant plastic case and non-combustible resin
RoHS directive compliant
■Recommended Applications
Interference suppressors
■ Explanation of Part Numbers
1
23
456
78
9
10
11
12
E
C
Q
U
2
A
Product code
Dielectric &
construction
Rated voltage
Capacitance
L
Cap.tol.
Suffix
■Specifications
K
±10 %
M ±20 %
Category temp. range
-40 ˚C to +100 ˚C (85 ˚C max. on CSA C22.2 No.8 spec.)
Rated voltage
275 VAC (250 VAC on CSA C22.2 No.8 spec.)
Capacitance range
0.0010 µF to 2.2 µF
Capacitance tolerance
± 10 % (K), ± 20 %(M)
Dissipation factor (tan )
tan <
=1.0 % (20 ˚C, 1 kHz)
Withstand voltage
Between terminals: 575 VAC, 1768 VDC 60 s (0.0082 µF to 2.2 µF)
Between terminals: 1500 VAC, 2121 VDC 60 s (0.0010 µF to 0.0068 µF)
Between terminals to enclosure:2050 VAC 60 s
Insulation resistance (IR)
C<
=0.33 µF : IR>
=15000 M
Ω (20 ˚C, 100 VDC, 60 s)
C>0.33 µF : IR>
=5000 M
Ω · µF (20 ˚C, 100 VDC, 60 s)
IR>
=2000 M
Ω (20 ˚C, 500 VDC, 60 s)
■Applicable Standard
❈When applying this capacitor to European and American safety standards, please use type designation and rating
such as ECQUL, 0.1 µF.
❈Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the
latest file No
❈This capacitor is recognized for European standards by VDE only. But, there are no problems using this capacitor in
a device which will get approvals from certification bodies in Europe, SEMKO, DEMKO, NEMKO, FIMKO and SEV
etc. except VDE.
❈ Use of this capacitor is limited to AC voltage (50 Hz or 60 Hz sine wave).
Suffix
Blank
A
Straight
Cut lead
UL60384-14
UL
CSA
Approval
Class
Capacitance range
Certification organization
CAN/CSA E60384-14
CSA C22.2
No.8-M1986
EN60384-14
IEC60384-14
Class Y2/X2
(0.0010
μF to 0.0068 μF)
UL
CSA
VDE
(0.0082
μF to 2.2 μF)
(0.0010
μF to 0.0068 μF)
(0.0082
μF to 2.2 μF)
(1.2
μF to 2.2 μF)
(0.0010
μF to 0.0068 μF)
(0.0082
μF to 2.2 μF)
(0.0010
μF to 0.0068 μF)
(0.0082
μF to 2.2 μF)
Class X2
Class Y2/X2
Class X2
Electromagnetic
Interference (EMI) Filters
Class Y2/X2
Class X2
Class Y2/X2
Class X2
Europe
International
英語版カタログ P50_81 14.1.30 16:24 ページ 78


Similar Part No. - ECQU2A225L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A225L PANASONIC-ECQU2A225L Datasheet
137Kb / 2P
   In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
ECQU2A225L PANASONIC-ECQU2A225L Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQU2A225L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com